Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8122ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8122ACPZN-R7
Description  10 kHz to 10 GHz, Wideband, Low Noise Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8122ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8122ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
ADL8122
10 kHz to 10 GHz, Wideband, Low Noise Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Single positive supply (self biased)
Resistor-programmable bias setting
Positive gain slope vs. frequency
Wideband operation: 10 kHz to 10 GHz
Extended operating temperature range: −55°C to +125°C
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
APPLICATIONS
Telecommunications
Instrumentation
Radar
Electronic warfare
GENERAL DESCRIPTION
The ADL8122 is a wideband low noise amplifier (LNA) that oper-
ates from 10 kHz to 10 GHz. Typical gain and noise figure are 17
dB and 2 dB, respectively, from 2 GHz to 6 GHz. Output power for
1 dB compression (OP1dB), output third-order intercept (OIP3), and
output second-order intercept (OIP2) are 20 dBm, 33.5 dBm, and
37 dBm, respectively, from 2 GHz to 6 GHz. The nominal quiescent
current (IDQ), which can be adjusted, is 95 mA from a 5 V supply
voltage (VDD). The internally matched, DC-coupled RF input and
output pins require external AC coupling capacitors along with a
bias inductor on RFOUT. In addition, the RF input is biased through
an external inductor connected between the VBIAS pin and the
RFIN pin.
The ADL8122 is fabricated on a pseudomorphic, high electron
mobility transistor (pHEMT) process. The device is housed in a
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP and is specified for
operation from −55°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL8122ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8120 AD-ADL8120 Datasheet
2Mb / 30P
30 kHz to 20 GHz, Ultra-Wideband, Low Noise Amplifier
Rev. 0
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. A
ADL8121-EVALZ AD-ADL8121-EVALZ Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
ADL8121-EVALZ AD-ADL8121-EVALZ Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. A
More results

Similar Description - ADL8122ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2A MICRONETICS-ST-2A Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2 MICRONETICS-ST-2 Datasheet
40Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
logo
NXP Semiconductors
BGU7044 PHILIPS-BGU7044 Datasheet
163Kb / 10P
1 GHz wideband low-noise amplifier
Rev. 1-2 January 2012
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109 Datasheet
281Kb / 8P
Wideband Amplifier 10 MHz - 40 GHz
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD167 MMIC-CMD167 Datasheet
214Kb / 9P
10-17 GHz Low Noise Amplifier
CMD189P3 MMIC-CMD189P3 Datasheet
243Kb / 10P
10-14 GHz Low Noise Amplifier
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com