Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8122ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8122ACPZN-R7
Description  10 kHz to 10 GHz, Wideband, Low Noise Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8122ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL8122ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
ADL8122
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 28
6 GH
z TO 10 GHz FREQUENCY RANGE
VDD = 5 V, IDQ = 95 mA, RBIAS = 620 Ω, and TCASE = 25°C, unless otherwise noted.
Table 3. 6 GHz to 10 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
6
10
GHz
GAIN
15
17.5
dB
Gain Variation over Temperature
0.022
dB/°C
NOISE FIGURE
2.5
dB
RETURN LOSS
S11
14
dB
S22
15
dB
OUTPUT
OP1dB
17
dBm
PSAT
19
dBm
OIP3
31.5
dBm
Measurement taken at POUT per tone = 5 dBm
OIP2
48
dBm
Measurement taken at POUT per tone = 5 dBm
PAE
16.5
%
Measured at PSAT
DC SPECIFICATIONS
Table 4. DC Specifications
Parameter
Min
Typ
Max
Unit
SUPPLY CURRENT
IDQ
95
mA
Amplifier Current (IDQ_AMP)
90
mA
RBIAS Current (IRBIAS)
5
mA
SUPPLY VOLTAGE
VDD
3
5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com