Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8122ACPZN-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL8122ACPZN-R7
Description  10 kHz to 10 GHz, Wideband, Low Noise Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8122ACPZN-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL8122ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Data Sheet
ADL8122
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 26 of 28
OVERDRIVE RECOVERY OPTIMIZATION
The overdrive recovery performance of the 10 MHz to 10 GHz
circuit (see Figure 94) can be improved by adjusting the C1 and
L1 values shown in Figure 99. Figure 82 is the overdrive recovery
time performance comparison of the baseline ADL8122-EVALZ
configuration vs. the optimized ADL8122-EVALZ. The reduced val-
ue of the input DC blocking capacitor, C1, has the most impact on
the improved overdrive recovery. However, by using a smaller C1
value, the minimum frequency of operation was adjusted from 10
MHz to 350 MHz. For optimum performance, the VDD2 voltage (5
V) must come from a separate supply other than VDD (5 V). The
bypass capacitor on VDD2 is incorporated to limit any power supply
related noise from entering the device.
Figure 98. Gain and Return Loss vs. Frequency for ADL8122-EVALZ
Overdrive Recovery Time Optimized Circuit, 10 MHz to 12 GHz,
VDD = 5 V, RBIAS = 620 Ω
Figure 99. Application Circuit for ADL8122-EVALZ Optimized Overdrive Recovery Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com