Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBA Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PXAS30KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBA Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PXAS30KBA Datasheet HTML 37Page - NXP Semiconductors PXAS30KBA Datasheet HTML 38Page - NXP Semiconductors PXAS30KBA Datasheet HTML 39Page - NXP Semiconductors PXAS30KBA Datasheet HTML 40Page - NXP Semiconductors PXAS30KBA Datasheet HTML 41Page - NXP Semiconductors PXAS30KBA Datasheet HTML 42Page - NXP Semiconductors PXAS30KBA Datasheet HTML 43Page - NXP Semiconductors PXAS30KBA Datasheet HTML 44Page - NXP Semiconductors PXAS30KBA Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
41
AC ELECTRICAL CHARACTERISTICS (3 V RANGE) (continued)
This set of parameters is referenced to the XA-S3 clock output.
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
Address Cycle
tCHLH
26
CLKOUT rising edge to ALE rising edge
–
15
ns
tCLLL
26
CLKOUT falling edge to ALE falling edge
–
11
ns
tCHAV
26
CLKOUT rising edge to address valid
–
29
ns
tCHAX
26
CLKOUT rising edge to address changing (hold time)
2
–
ns
Code Read Cycle
tCHPL
26
CLKOUT rising edge to PSEN asserted
–
16
ns
tCHPH
26
CLKOUT rising edge to PSEN de-asserted
–
15
ns
tIVCH
26
Instruction valid to CLKOUT rising edge (setup time)
30
–
ns
tCHIX
26
CLKOUT rising edge to instruction changing (hold time)
0
–
ns
tCHIZ
26
CLKOUT rising edge to Bus 3-State (code read)
–
tC–8
ns
Data Read Cycle
tCHRL
28
CLKOUT rising edge to RD asserted
–
20
ns
tCHRH
28
CLKOUT rising edge to RD de-asserted
–
16
ns
tDVCH
28
Data valid to CLKOUT rising edge (setup time)
28
–
ns
tCHDX
28
CLKOUT rising edge to Data changing (hold time)
0
–
ns
tCHDZ
28
CLKOUT rising edge to Bus 3-State (data read)
–
tC–8
ns
Data Write Cycle
tCHWL
30
CLKOUT falling edge to WR asserted
–
19
ns
tCHWH
30
CLKOUT rising edge to WR de-asserted
–
16
ns
tQVCH
30
Data valid to CLKOUT rising edge (setup time)
4
–
ns
tCHQX
30
CLKOUT rising edge to Data changing (hold time)
0
–
ns
Wait Input
tCHWTH
31
WAIT valid prior to CLKOUT rising edge8
30
4
ns
NOTES:
1. Load capacitance for all outputs = 50 pF.
2. Variables V1 through V13 reflect programmable bus timing, which is programmed via the Bus Timing registers (BTRH and BTRL). Refer to
the
XA User Guide for details of the bus timing settings.
V1)
This variable represents the programmed width of the ALE pulse as determined by the ALEW bit in the BTRL register. V1 = 0.5 if the
ALEW bit = 0, and 1.5 if the ALEW bit = 1.
V2)
This variable represents the programmed width of the PSEN pulse as determined by the CR1 and CR0 bits or the CRA1, CRA0, and
ALEW bits in the BTRL register.
–
For a bus cycle with no ALE, V2 = 1 if CR1/0 = 00, 2 if CR1/0 = 01, 3 if CR1/0 = 10, and 4 if CR1/0 = 11. Note that during burst
mode code fetches, PSEN does not exhibit transitions at the boundaries of bus cycles. V2 still applies for the purpose of
determining peripheral timing requirements.
–
For a bus cycle with an ALE, V2 = the total bus cycle duration (2 if CRA1/0 = 00, 3 if CRA1/0 = 01, 4 if CRA1/0 = 10, and 5 if
CRA1/0 = 11) minus the number of clocks used by ALE (V1 + 0.5) = 2.
Example: if CRA1/0 = 10 and ALEW = 1, the V2 = 4 – (1.5 + 0.5) = 2.
V3)
This variable represents the programmed length of an entire code read cycle with ALE. This time is determined by the CRA1 and
CRA0 bits in the BTRL register. V3 = the total bus cycle duration (2 if CRA1/0 = 00, 3 if CRA1/0 = 01, 4 if CRA1/0 = 10, and
5 if CRA1/0 = 11).
V4)
This variable represents the programmed length of an entire code read cycle with no ALE. This time is determined by the CR1 and
CR0 bits in the BTRL register. V4 = 1 if CR1/0 = 00, 2 if CR1/0 = 01, 3 if CR1/0 = 10, and 4 if CR1/0 = 11.
V5)
This variable represents the programmed length of an entire data read cycle with no ALE. This time is determined by the DR1 and
DR0 bits in the BTRH register. V5 = 1 if DR1/0 = 00, 2 if DR1/0 = 01, 3 if DR1/0 = 10, and 4 if DR1/0 = 11.
V6)
This variable represents the programmed length of an entire data read cycle with ALE. The time is determined by the DRA1 and
DRA0 bits in the BTRH register. V6 = the total bus cycle duration (2 if DRA1/0 = 00, 3 if DRA1/0 = 01, 4 if DRA1/0 = 10, and
5 if DRA1/0 = 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com