Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PXAS30KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PXAS30KBA Datasheet HTML 5Page - NXP Semiconductors PXAS30KBA Datasheet HTML 6Page - NXP Semiconductors PXAS30KBA Datasheet HTML 7Page - NXP Semiconductors PXAS30KBA Datasheet HTML 8Page - NXP Semiconductors PXAS30KBA Datasheet HTML 9Page - NXP Semiconductors PXAS30KBA Datasheet HTML 10Page - NXP Semiconductors PXAS30KBA Datasheet HTML 11Page - NXP Semiconductors PXAS30KBA Datasheet HTML 12Page - NXP Semiconductors PXAS30KBA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
9
MNEMONIC
NAME AND FUNCTION
TYPE
PIN NUMBER
MNEMONIC
NAME AND FUNCTION
TYPE
LQFP
PLCC
P5.0 – P5.7
23–30
17–20,
22–25
I/O
Port 5: Port 5 is an 8-bit I/O port with a user-configurable output type. Port 5 latches have
1s written to them and are configured in the quasi-bidirectional mode during reset. The
operation of Port 5 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to the section on I/O port
configuration and the DC Electrical Characteristics for details.
Port 5 also provides various special functions as described below. Port 5 pins used as A/D
inputs must be configured by the user to the high impedance mode.
23
17
I
AD0 (P5.0):
A/D channel 0 input.
24
18
I
AD1 (P5.1):
A/D channel 1 input.
25
19
I
AD2 (P5.2):
A/D channel 2 input.
26
20
I
AD3 (P5.3):
A/D channel 3 input.
27
22
I
AD4 (P5.4):
A/D channel 4 input.
28
23
I
AD5 (P5.5):
A/D channel 5 input.
29
24
I/O
AD6/SCL (P5.6):
A/D channel 6 input. I2C serial clock input/output.
30
25
I/O
AD7/SDA (P5.7):
A/D channel 7 input. I2C serial data input/output.
P6.0 – P6.7
43, 44
40, 41
I/O
Port 6: Port 6 is a 2-bit I/O port with a user-configurable output type. Port 6 latches have
1s written to them and are configured in the quasi-bidirectional mode during reset. The
operation of Port 6 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to the section on I/O port
configuration and the DC Electrical Characteristics for details.
Port 6 also provides special functions as described below:
43
40
O
A22 (P6.0):
Address bit 22 of the external address bus.
44
41
O
A23 (P6.1):
Address bit 23 of the external address bus.
Table 1. Special Function Registers
SFR
BIT FUNCTIONS AND ADDRESSES
Reset
NAME
DESCRIPTION
Address
MSB
LSB
Value
3F7
3F6
3F5
3F4
3F3
3F2
3F1
3F0
ADCON#*
A/D control register
43E
–
–
–
–
ADRES
ADMOD
ADSST
ADINT
00h
3FF
3FE
3FD
3FC
3FB
3FA
3F9
3F8
ADCS#*
A/D channel select register
43F
ADCS7
ADCS6
ADCS5
ADCS4
ADCS3
ADCS2
ADCS1
ADCS0
00h
ADCFG#
A/D timing configuration
4B9
–
–
–
–
A/D Timing Configuration
0Fh
ADRSH0#
A/D high byte result, channel 0
4B0
xx
ADRSH1#
A/D high byte result, channel 1
4B1
xx
ADRSH2#
A/D high byte result, channel 2
4B2
xx
ADRSH3#
A/D high byte result, channel 3
4B3
xx
ADRSH4#
A/D high byte result, channel 4
4B4
xx
ADRSH5#
A/D high byte result, channel 5
4B5
xx
ADRSH6#
A/D high byte result, channel 6
4B6
xx
ADRSH7#
A/D high byte result, channel 7
4B7
xx
ADRSL#
Two LSBs of 10-bit A/D result
4B8
xx
BCR#
Bus configuration register
46A
–
–
CLKD
WAITD
BUSD
BC2
BC1
BC0
Note 1
BTRH
Bus timing register high byte
469
DW1
DW0
DWA1
DWA0
DR1
DR0
DRA1
DRA0
FFh
BTRL
Bus timing register low byte
468
WM1
WM0
ALEW
–
CR1
CR0
CRA1
CRA0
EFh
2D7
2D6
2D5
2D4
2D3
2D2
2D1
2D0
CCON#*
PCA counter control
41A
CF
CR
–
CCF4
CCF3
CCF2
CCF1
CCF0
00h
CMOD#
PCA mode control
490
CIDL
WDTE
–
–
–
CPS1
CPS0
ECF
00h
CH#
PCA counter high byte
48B
00h
CL#
PCA counter low byte
48A
00h
CCAPM0#
PCA module 0 mode
491
–
ECOM0
CAPP0
CAPN0
MAT0
TOG0
PWM0
ECCF0
00h
CCAPM1#
PCA module 1 mode
492
–
ECOM1
CAPP1
CAPN1
MAT1
TOG1
PWM1
ECCF1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com