Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBA Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PXAS30KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBA Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PXAS30KBA Datasheet HTML 22Page - NXP Semiconductors PXAS30KBA Datasheet HTML 23Page - NXP Semiconductors PXAS30KBA Datasheet HTML 24Page - NXP Semiconductors PXAS30KBA Datasheet HTML 25Page - NXP Semiconductors PXAS30KBA Datasheet HTML 26Page - NXP Semiconductors PXAS30KBA Datasheet HTML 27Page - NXP Semiconductors PXAS30KBA Datasheet HTML 28Page - NXP Semiconductors PXAS30KBA Datasheet HTML 29Page - NXP Semiconductors PXAS30KBA Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
26
––
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
CCAPM4
(495H)
CH
CL
CCAP4H
CCAP4L
RESET
PCA TIMER/COUNTER
X0
00
16–BIT COMPARATOR
MATCH
ENABLE
WRITE TO
CCAP4H
RESET
WRITE TO
CCAP4L
01
1
CMOD
(490H)
CIDL
WDTE
––
––
––
CPS1
CPS0
ECF
X
SU01313
MODULE 4
Figure 18. PCA Watchdog Timer m(Module 4 only)
PCA Watchdog Timer
An on-board watchdog timer is available with the PCA to improve
the reliability of the system without increasing chip count. Watchdog
timers are useful for systems that are susceptible to noise, power
glitches, or electrostatic discharge. Module 4 is the only PCA
module that can be programmed as a watchdog. However, this
module can still be used for other modes if the watchdog is not
needed.
Figure 18 shows a diagram of how the watchdog works. The user
pre-loads a 16-bit value in the compare registers. Just like the other
compare modes, this 16-bit value is compared to the PCA timer
value. If a match is allowed to occur, an internal reset will be
generated. This will not cause the RST pin to be driven low.
In order to hold off the reset, the user has three options:
1. periodically change the compare value so it will never match the
PCA timer,
2. periodically change the PCA timer value so it will never match
the compare values, or
3. disable the watchdog by clearing the WDTE bit before a match
occurs and then re-enable it.
The first two options are more reliable because the watchdog timer
is never disabled as in option #3. If the program counter ever goes
astray, a match will eventually occur and cause an internal reset.
The second option is also not recommended if other PCA modules
are being used. Remember, the PCA timer is the time base for all
modules; changing the time base for other modules would not be a
good idea. Thus, in most applications the first solution is the best
option.
Figure 19 shows the code for initializing the watchdog timer. Module
4 can be configured in either compare mode, and the WDTE bit in
CMOD must also be set. The user’s software then must periodically
change (CCAP4H,CCAP4L) to keep a match from occurring with the
PCA timer (CH,CL). This code is given in the WATCHDOG routine in
Figure 19.
This routine should not be part of an interrupt service routine,
because if the program counter goes astray and gets stuck in an
infinite loop, interrupts will still be serviced and the watchdog will
keep getting reset. Thus, the purpose of the watchdog would be
defeated. Instead, call this subroutine from the main program within
216 count of the PCA timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com