Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBA Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PXAS30KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBA Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PXAS30KBA Datasheet HTML 31Page - NXP Semiconductors PXAS30KBA Datasheet HTML 32Page - NXP Semiconductors PXAS30KBA Datasheet HTML 33Page - NXP Semiconductors PXAS30KBA Datasheet HTML 34Page - NXP Semiconductors PXAS30KBA Datasheet HTML 35Page - NXP Semiconductors PXAS30KBA Datasheet HTML 36Page - NXP Semiconductors PXAS30KBA Datasheet HTML 37Page - NXP Semiconductors PXAS30KBA Datasheet HTML 38Page - NXP Semiconductors PXAS30KBA Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
35
8-BIT MODE A/D CONVERTER DC ELECTRICAL CHARACTERISTICS
Tamb = 0 to +70°C for commercial, Tamb = –40 to +85°C for industrial, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
AVDD
Analog supply voltage
2.7
3.3
V
AIDD
Analog supply current (operating)
Port 5 = 0 to AVDD
2.5
mA
AIID
Analog supply current (Idle mode)
2.5
µA
AIPD
Analog supply current (Power-Down mode)
Commercial temperature range
100
µA
Industrial temperature range
150
µA
AVIN
Analog input voltage
AVSS –0.2
AVDD +0.2
V
RREF
Resistance between VREF+ and VREF–
125
225
k
Ω
CIA
Analog input capacitance
15
pF
DLe
Differential non-linearity1, 2, 3
±1
LSB
ILe
Integral non-linearity1, 4
±1
LSB
OSe
Offset error1, 5
±2.5
LSB
Ge
Gain error1, 6
±1
%
Ae
Absolute voltage error1, 7
±3
LSB
MCTC
Channel-to-channel matching
±1
LSB
Ct
Crosstalk between inputs of port8
0 – 100 kHz
–60
dB
NOTES:
1. Conditions: AVREF– = 0 V; AVREF+ = 3.07 V.
2. The differential non-linearity (DLe) is the difference between the actual step width and the ideal step width. See Figure 25.
3. The ADC is monotonic, there are no missing codes.
4. The integral non-linearity (ILe) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 25.
5. The offset error (OSe) is the absolute difference between the straight line which fits the actual transfer curve (after removing gain error), and
the straight line which fits the ideal transfer curve. See Figure 25.
6. The gain error (Ge) is the relative difference in percent between the straight line fitting the actual transfer curve (after removing offset error),
and the straight line which fits the ideal transfer curve. Gain error is constant at every point on the transfer curve. See Figure 25.
7. The absolute voltage error (Ae) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated
ADC and the ideal transfer curve.
8. This should be considered when both analog and digital signals are input simultaneously to Port 5. Parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com