Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBA Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PXAS30KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBA Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PXAS30KBA Datasheet HTML 42Page - NXP Semiconductors PXAS30KBA Datasheet HTML 43Page - NXP Semiconductors PXAS30KBA Datasheet HTML 44Page - NXP Semiconductors PXAS30KBA Datasheet HTML 45Page - NXP Semiconductors PXAS30KBA Datasheet HTML 46Page - NXP Semiconductors PXAS30KBA Datasheet HTML 47Page - NXP Semiconductors PXAS30KBA Datasheet HTML 48Page - NXP Semiconductors PXAS30KBA Datasheet HTML 49Page - NXP Semiconductors PXAS30KBA Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
46
VDD–0.5
0.45V
0.7VDD
0.2VDD–0.1
tCHCL
tC
tCLCH
tCLCX
tCHCX
SU00842
Figure 32. External Clock Drive
VDD–0.5
0.45V
0.2VDD+0.9
0.2VDD–0.1
NOTE:
AC inputs during testing are driven at VDD –0.5 for a logic ‘1’ and 0.45V for a logic ‘0’.
Timing measurements are made at the 50% point of transitions.
SU00703A
Figure 33. AC Testing Input/Output
VLOAD
VLOAD+0.1V
VLOAD–0.1V
VOH–0.1V
VOL+0.1V
NOTE:
TIMING
REFERENCE
POINTS
For timing purposes, a port is no longer floating when a 100mV change from load voltage occurs,
and begins to float when a 100mV change from the loaded VOH/VOL level occurs. IOH/IOL ≥ ±20mA.
SU00011
Figure 34. Float Waveform
VDD
EA
RST
XTAL1
XTAL2
VSS
VDD
(NC)
CLOCK SIGNAL
SU00591B
Figure 35. IDD Test Condition, Active Mode
All other pins are disconnected
VDD
EA
RST
XTAL1
XTAL2
VSS
VDD
(NC)
CLOCK SIGNAL
SU00590B
VDD
Figure 36. IDD Test Condition, Idle Mode
All other pins are disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com