Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBA Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PXAS30KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBA Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PXAS30KBA Datasheet HTML 21Page - NXP Semiconductors PXAS30KBA Datasheet HTML 22Page - NXP Semiconductors PXAS30KBA Datasheet HTML 23Page - NXP Semiconductors PXAS30KBA Datasheet HTML 24Page - NXP Semiconductors PXAS30KBA Datasheet HTML 25Page - NXP Semiconductors PXAS30KBA Datasheet HTML 26Page - NXP Semiconductors PXAS30KBA Datasheet HTML 27Page - NXP Semiconductors PXAS30KBA Datasheet HTML 28Page - NXP Semiconductors PXAS30KBA Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
25
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
––
CCON
(41AH)
––
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
CCAPMn, n: 0..4
(491H–495H)
CH
CL
CCAPnH
CCAPnL
PCA INTERRUPT
PCA TIMER/COUNTER
10
00
16–BIT COMPARATOR
(TO CCFn)
WRITE TO
CCAPnH
RESET
WRITE TO
CCAPnL
01
ENABLE
CEXn
TOGGLE
MATCH
SU01311
Figure 16. PCA High Speed Output Mode
CL < CCAPnL
––
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
CCAPMn, n: 0..4
(491H–495H)
PCA TIMER/COUNTER
00
00
CL
CCAPnL
CEXn
8–BIT
COMPARATOR
OVERFLOW
CCAPnH
ENABLE
0
1
CL >= CCAPnL
0
SU01312
Figure 17. PCA PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com