Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PXAS30KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PXAS30KBA Datasheet HTML 13Page - NXP Semiconductors PXAS30KBA Datasheet HTML 14Page - NXP Semiconductors PXAS30KBA Datasheet HTML 15Page - NXP Semiconductors PXAS30KBA Datasheet HTML 16Page - NXP Semiconductors PXAS30KBA Datasheet HTML 17Page - NXP Semiconductors PXAS30KBA Datasheet HTML 18Page - NXP Semiconductors PXAS30KBA Datasheet HTML 19Page - NXP Semiconductors PXAS30KBA Datasheet HTML 20Page - NXP Semiconductors PXAS30KBA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
17
A/D Accuracy
The XA-S3 A/D in 10 -bit mode is specified with 16 samples
averaged in order to factor out on-chip noise. In an application
where averaging 16 samples is not practical, the accuracy
specifications may be de-rated according to the number of samples
that are actually taken. The graph in Figure 5 shows the relationship
of additional A/D error to the number of samples that are averaged.
For example, if a single A/D reading is used with no averaging, the
A/D accuracy should be de-rated by
±1.25 LSB.
SU01227
1.50
1.25
1.00
0.75
0.50
0.25
0.00
12
34
56
78
910
11
12
13
14
15
16
Number of Samples
Figure 5. A/D accuracy by number of averaging samples
(Pertains to 10-bit mode only. Note that 10-bit mode is only specified up to fC = 20 MHz.)
CR0
LSB
MSB
BIT
SYMBOL
FUNCTION
I2CON.7
CR2
I2C Rate Control, with CR1 and CR0. See text and table.
I2CON.6
ENA
Enable I2C port. When ENA = 1, the I2C port is enabled.
I2CON.5
STA
Start flag. Setting STA to 1 causes the I2C interface to attempt to gain mastership of the bus by
generating a Start condition.
I2CON.4
STO
Stop flag. Setting STO to 1 causes the I2C interface to attempt to generate a Stop condition.
I2CON.3
SI
Serial Interrupt. SI is set by the I2C hardware when a new I2C state is entered, indicating that
software needs to respond. SI causes an I2C interrupt if enabled and of sufficient priority.
I2CON.2
AA
Assert Acknowledge. Setting AA to 1 causes the I2C hardware to automatically generate
acknowledge pulses for various conditions (see text).
I2CON.1
CR1
I2C Rate Control, with CR2 and CR0. See text and table.
I2CON.0
CR0
I2C Rate Control, with CR2 and CR1. See text and table.
CR1
AA
SI
STO
STA
ENA
CR2
I2CON
Address:42Ch
Bit Addressable
Reset Value: 00h
SU00941
Figure 6. I2C Control Register (I2CON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com