Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBA Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PXAS30KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBA Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PXAS30KBA Datasheet HTML 14Page - NXP Semiconductors PXAS30KBA Datasheet HTML 15Page - NXP Semiconductors PXAS30KBA Datasheet HTML 16Page - NXP Semiconductors PXAS30KBA Datasheet HTML 17Page - NXP Semiconductors PXAS30KBA Datasheet HTML 18Page - NXP Semiconductors PXAS30KBA Datasheet HTML 19Page - NXP Semiconductors PXAS30KBA Datasheet HTML 20Page - NXP Semiconductors PXAS30KBA Datasheet HTML 21Page - NXP Semiconductors PXAS30KBA Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
18
I2C Interface
The I2C interface on the XA-S3 is identical to the standard byte-style
I2C interface found on devices such as the 8xC552 except for the
rate selection.
The I2C interface conforms to the 100 kHz I2C
specification, but may be used at rates up to 400 kHz
(non-conforming).
Important:
Before the I2C interface may be used, the port pins
P5.6 and 5.7, which correspond to the I2C functions SCL and SDA
respectively, must be set to the open drain mode.
The processor interfaces to the I2C logic via the following four
special function registers: I2CON (I2C control register), I2STA (I2C
status register), I2DAT (I2C data register), and I2ADR (I2C slave
address register). The I2C control logic interfaces to the external I2C
bus via two port 5 pins: P5.6/SCL (serial clock line) and P5.7/SDA
(serial data line).
The Control Register, I2CON
This register is shown in Figure 6. Two bits are affected by the I2C
hardware: the SI bit is set when a serial interrupt is requested, and
the STO bit is cleared when a STOP condition is present on the I2C
bus. The STO bit is also cleared when ENA = “0”.
ENA, the I2C Enable Bit
ENA = 0:
When ENA is “0”, the SDA and SCL outputs are not
driven. SDA and SCL input signals are ignored, SIO1 is in the “not
addressed” slave state, and the STO bit in I2CON is forced to “0”.
No other bits are affected. P5.6 and P5.7 may be used as open
drain I/O ports.
ENA = 1:
When ENA is “1”, SIO1 is enabled. The P5.6 and P5.7
port latches must be set to logic 1.
ENA should not be used to temporarily release the I2C-bus since,
when ENA is reset, the I2C-bus status is lost. The AA flag should be
used instead (see description of the AA flag in the following text).
In the following text, it is assumed the ENA = “1”.
STA, the START flag
STA = 1:
When the STA bit is set to enter a master mode, the I2C
hardware checks the status of the I2C bus and generates a START
condition if the bus is free. If the bus is not free, the I2C interface
waits for a STOP condition (which will free the bus) and generates a
START condition after a delay of a half clock period of the internal
serial clock generator.
If STA is set while the I2C interface is already in a master mode and
one or more bytes are transmitted or received, the hardware
transmits a repeated START condition. STA may be set at any time.
STA may also be set when the I2C interface is an addressed slave.
STA = 0:
When the STA bit is reset, no START condition or
repeated START condition will be generated.
STO, the STOP flag
STO = 1:
When the STO bit is set while the I2C interface is in a
master mode, a STOP condition is transmitted to the I2C bus. When
the STOP condition is detected on the bus, the hardware clears the
STO flag. In a slave mode, the STO flag may be set to recover from
an error condition. In this case, no STOP condition is transmitted to
the I2C bus. However, the hardware behaves as if a STOP condition
has been received and switches to the defined “not addressed” slave
receiver mode. The STO flag is automatically cleared by hardware.
If the STA and STO bits are both set, then a STOP condition is
transmitted to the I2C bus if the interface is in a master mode (in a
slave mode, the hardware generates an internal STOP condition
which is not transmitted). The I2C interface then transmits a START
condition.
STO = 0:
When the STO bit is reset, no STOP condition will be
generated.
SI, the Serial Interrupt flag
SI = 1:
When the SI flag is set, and the EA (interrupt system
enable) and EI2 (I2C interrupt enable) bits are also set, an I2C
interrupt is requested. SI is set by hardware when one of 25 of the
26 possible I2C interface states is entered. The only state that does
not cause SI to be set is state F8H, which indicates that no relevant
state information is available.
While SI is set, the low period of the serial clock on the SCL line is
stretched, and the serial transfer is suspended. A high level on the
SCL line is unaffected by the serial interrupt flag. SI must be reset
by software.
SI = 0:
When the SI flag is reset, no serial interrupt is requested,
and there is no stretching of the serial clock on the SCL line.
AA, the Assert Acknowledge flag
AA = 1:
If the AA flag is set, an acknowledge (low level to SDA) will
be returned during the acknowledge clock pulse on the SCL line when:
• The “own slave address” has been received.
• The general call address has been received while the general call
bit (GC) in I2ADR is set.
• A data byte has been received while the I2C interface is in the
master receiver mode.
• A data byte has been received while the I2C interface is in the
addressed slave receiver mode.
AA = 0:
If the AA flag is reset, a not acknowledge (high level to
SDA) will be returned during the acknowledge clock pulse on the
SCL line when:
• A data byte has been received while the I2C interface is in the
master receiver mode.
• A data byte has been received while the I2C interface is in the
addressed slave receiver mode.
When the I2C interface is in the addressed slave transmitter mode,
state C8H will be entered after the last serial data byte is
transmitted. When SI is cleared, the I2C interface leaves state C8H,
enters the not addressed slave receiver mode, and the SDA line
remains at a high level. In state C8H, the AA flag can be set again
for future address recognition.
When the I2C interface is in the not addressed slave mode, its own
slave address and the general call address are ignored. Consequently,
no acknowledge is returned, and a serial interrupt is not requested.
Thus, the hardware can be temporarily released from the I2C bus
while the bus status is monitored. While the hardware is released from
the bus, START and STOP conditions are detected, and serial data is
shifted in. Address recognition can be resumed at any time by setting
the AA flag. If the AA flag is set when the part’s own slave address or
the general call address has been partly received, the address will be
recognized at the end of the byte transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com