Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ Datasheet(PDF) 31 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 31 Page - Texas Instruments

Back Button TNETE2101PZ Datasheet HTML 27Page - Texas Instruments TNETE2101PZ Datasheet HTML 28Page - Texas Instruments TNETE2101PZ Datasheet HTML 29Page - Texas Instruments TNETE2101PZ Datasheet HTML 30Page - Texas Instruments TNETE2101PZ Datasheet HTML 31Page - Texas Instruments TNETE2101PZ Datasheet HTML 32Page - Texas Instruments TNETE2101PZ Datasheet HTML 33Page - Texas Instruments TNETE2101PZ Datasheet HTML 34Page - Texas Instruments TNETE2101PZ Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD, VDDA, XMT_VDDA
Supply voltage
3
3.3
3.6
V
VDD5
Reference voltage
4.5
5
5.5
V
TTL
0
VDD
VI
Input voltage
5-V TTL
0
5.5
V
PECL
VTTP
VDD – 0.5
TTL, 5-V TTL
0
VDD
VO
Output voltage
PECL
VTTP
VDD – 0.5
V
LED
0
VDD
TTL
2
VDD
VIH
High-level input voltage
5-V TTL
2
5.5
V
PECL
VDD – 1.35
VDD – 0.70
VIL
Low level input voltage
TTL, 5-V TTL
0
0.8
V
VIL
Low-level input voltage
PECL
VDD – 2
VDD – 1.55
V
VTTP
Termination voltage
PECL
VDD – 2
V
Rt
Differential-termination resistance
PECL
50
Ω
electrical characteristics over recommended operating conditions
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –4 mA
TTL, 5-V TTL
2.4
V
VOH
High-level output voltage
50
Ω to VDD–2
PECL
1.50
2.30
V
VDD = min, TC = max
LEDs (see Note 3)
0.8
VOL
Low-level output voltage
50
Ω to VDD–2
PECL
0.20
0.30
V
IOL = 4 mA
TTL, 5-VTTL
0.4
VID
Differential input voltage
PECL
1.20
2.10
V
IIL
Low-level input current
VI = VIL(min)
TTL, 5-V TTL, PECL
20
µA
IIH
High-level input current
VI = VIH(max)
TTL, PECL
–20
µA
IOZ
High-impedance-state output current
TTL, LED, PECL
–20
µA
IDD
Supply current 3 3 V (see Note 4)
100BASE-TX,
Full duplex
200
mA
IDD
Su
ly current, 3.3 V (see Note 4)
Power down
20
mA
Ci
Capacitive input
6
pF
Co
Capacitive output
6
pF
NOTES:
3. LACTIVITY, LDUPCOL, LLINK, LSPEED
4. Typical values measured at 25
°C without LEDs connected
oscillator requirements
PARAMETERS
MIN
TYP
MAX
UNIT
Clock frequency
20
MHz
Clock frequency error
–50
50
ppm
Clock duty cycle
40
60
%
VOH
2.85
VDD
V
VOL
–0.50
0.80
V
tr, tf (see Note 5)
5
ns
NOTE 5: Measured at 20%–80% transition low-to-high or high-to-low points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com