Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ Datasheet(PDF) 24 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 24 Page - Texas Instruments

Back Button TNETE2101PZ Datasheet HTML 20Page - Texas Instruments TNETE2101PZ Datasheet HTML 21Page - Texas Instruments TNETE2101PZ Datasheet HTML 22Page - Texas Instruments TNETE2101PZ Datasheet HTML 23Page - Texas Instruments TNETE2101PZ Datasheet HTML 24Page - Texas Instruments TNETE2101PZ Datasheet HTML 25Page - Texas Instruments TNETE2101PZ Datasheet HTML 26Page - Texas Instruments TNETE2101PZ Datasheet HTML 27Page - Texas Instruments TNETE2101PZ Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
message-page encoding (LPMP = 1)
BIT
15
14
13
12
11
10
987654321
BIT
0
LPNP
ACK
LPMP
ACK2
T
Message Code Field
Figure 13. Message-Page-Encoding Register
Table 10. Message-Page-Encoding Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
LPNP
15
Link partner next page. When LPNP is set to 1, the link partner is ready to exchange an extra next page.
See the description of NP in register AN_adv for more information on next-page exchange.
ACK
14
Acknowledge. Reserved for internal use of the autonegotiation process. Ignore during read.
LPMP
13
Link partner message page. When LPMP is set to 1, register AN_lpa contains a message page.
ACK2
12
Acknowledge 2. Reserved for internal use of the autonegotiation process. Ignore during read.
T
11
Toggle. Reserved for internal use of the autonegotiation process. Ignore during read.
Message Code Field
10–0
Message code. An 11-bit message code. See Table 11 for descriptions of the currently defined IEEE
message codes.
message-code field values
Table 11 summarizes the message-code field values specified in IEEE Std 802.3. All message codes not
specified are reserved for future IEEE use or allocation.
Table 11. Message-Code Field Values
MESSAGE
CODE
BIT 10–0
MESSAGE-CODE DESCRIPTION
0
00000000000
Reserved for future autonegotiation use
1
00000000001
Null message. The null-message code is transmitted during next-page exchange when the local device has
no further messages to transmit and the link partner is still transmitting valid next pages.
2
00000000010
Technology ability extension code 1 [one unformatted page (UP) with technology ability field to follow]. This
message code is reserved for future expansion of the technology ability field and indicates that a defined user
code with a specific technology ability field encoding follows.
3
00000000011
Technology ability extension code 2 (two UPs with technology ability fields to follow). This message code is
reserved for future expansion of the technology ability field and indicates that two defined user codes with
specific technology ability field encoding follow.
4
00000000100
Remote-fault number code (one UP with binary-coded remote fault follows). This message code is followed
by a single user code whose encoding specifies the type of fault that has occurred. The following user codes
are defined:
0 – RF test. Used to test remote-fault operation.
1 – Link loss
2 – Jabber
3 – Parallel detection fault. Sent to identify when PDFAULT (in AN_exp) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com