Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ Datasheet(PDF) 16 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETE2101PZ Datasheet HTML 12Page - Texas Instruments TNETE2101PZ Datasheet HTML 13Page - Texas Instruments TNETE2101PZ Datasheet HTML 14Page - Texas Instruments TNETE2101PZ Datasheet HTML 15Page - Texas Instruments TNETE2101PZ Datasheet HTML 16Page - Texas Instruments TNETE2101PZ Datasheet HTML 17Page - Texas Instruments TNETE2101PZ Datasheet HTML 18Page - Texas Instruments TNETE2101PZ Datasheet HTML 19Page - Texas Instruments TNETE2101PZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MII frame format
The default or IDLE state of the MII is a logic 1. All 3-state drivers are disabled and the PHY pullup resistor pulls
the management data input/output (MDIO) line to a logic 1. Before initiating any other transaction, the station
management entity sends a preamble sequence of contiguous logic-1 bits on MDIO with 32 corresponding
cycles on MDCLK. This sequence provides the PHY a pattern to use to establish synchronization. A PHY
observes the sequence of 32 contiguous 1 bits on MDIO with 32 corresponding cycles on MDCLK before
responding to any other transactions. See Figures 5 and 6 for MII frame formats.
Start Delimiter
Operation Code
PHY Address
Register Address
Turnaround
Data
01
10
AAAAA
RRRRR
10
DDDD.DDDD.DDDD.DDDD
Figure 5. MII Read Frame Format
Start Delimiter
Operation Code
PHY Address
Register Address
Turnaround
Data
01
01
AAAAA
RRRRR
10
DDDD.DDDD.DDDD.DDDD
Figure 6. MII Write Frame Format
start delimiter
The start of a frame is indicated by a 01 pattern. This pattern specifies transitions from the default logic-1 line
state to 0 and then back to 1.
operation code
The operation code for a read is 10, and the code for a write is 01.
PHY address
The PHY address is five bits, providing 32 unique PHY addresses. The first PHY address bit transmitted and
received is the most significant bit of the address. The TNETE2101 address is set using
CDEVSEL0–CDEVSEL2, CDEVSEL 3 (SLINK), and CDEVSEL4 (MCOL).
register address
The register address is 5 bits, providing 32 individual registers to be addressed within each PHY. See Figure 4
for the addresses of individual registers.
turnaround
An idle-bit time, during which no device actively drives the MDIO signal, is inserted between the register address
field and the data field of a read frame to avoid contention. During a read frame, the PHY drives a 0 bit onto MDIO
for the bit time that follows the idle bit and precedes the data field. During a write frame, this field consists of
a 1 bit followed by a 0 bit.
data
The data field is 16 bits. The first data bit transmitted and received is the most significant bit of the data payload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com