Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ Datasheet(PDF) 23 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 23 Page - Texas Instruments

Back Button TNETE2101PZ Datasheet HTML 19Page - Texas Instruments TNETE2101PZ Datasheet HTML 20Page - Texas Instruments TNETE2101PZ Datasheet HTML 21Page - Texas Instruments TNETE2101PZ Datasheet HTML 22Page - Texas Instruments TNETE2101PZ Datasheet HTML 23Page - Texas Instruments TNETE2101PZ Datasheet HTML 24Page - Texas Instruments TNETE2101PZ Datasheet HTML 25Page - Texas Instruments TNETE2101PZ Datasheet HTML 26Page - Texas Instruments TNETE2101PZ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
autonegotiation link partner ability register – an_lpa at 0x05
The link partner ability register, AN_lpa, has three different formats, depending on when the page is received.
The first page received from the link partner always is in the base-page encoding and is used by the PHY for
autoconfiguration. If the link partner supports next-page exchange, subsequently received pages can be in
either message-page or unformatted-page encoding, as determined by the value of the LPNP bit (in AN_lpa).
The use of next pages is summarized as:
D Both the PHY and the link partner must indicate next-page ability before either can commence exchange
of next pages.
D If both devices are next-page able, then both devices must send at least one next page.
D Next-page exchange continues until neither device on a link has more pages to transmit [as indicated by
the LPNP bit (in AN_lpa) and the NP bit (in AN_adv)]. A message page with a null-message code field value
is sent if the device has no other information to transmit.
D A message code can carry a specific message or information that defines how subsequent unformatted
page(s) should be interpreted.
D If a message code references unformatted pages, the unformatted pages immediately follow the
referencing message code in the order specified by the message code.
D Unformatted page users are responsible for controlling the format and sequencing of their unformatted
pages.
base-page encoding
BIT
15
14
13
12
11
10
987654321
BIT
0
LPNP
ACK
LPRF
Link Partner Technology Ability Field
Link Partner Selector Field
Figure 12. Autonegotiation Link Partner Ability Register
Table 9. Autonegotiation Link Partner Ability Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
LPNP
15
Link partner next page. When LPNP is set to 1, the link partner is indicating that it wishes to exchange a next
page. See the description of NP in register AN_adv for more information on next-page exchange.
ACK
14
Acknowledge. Reserved for internal use of the autonegotiation process. Write as 0, ignore during read.
LPRF
13
Link partner remote fault. When LPRF is set to 1, the link partner is reporting a remote fault condition.
12, 11
Link partner technology ability field. Bits 12–5 are updated during autonegotiate with the 8-bit values received
from the link partner’s PHY advertisement register. Bits 9–5 are examined to determine the highest
common-link capability between the two PHYs.
Bit values for 12–11 are updated but to do so affects the PHY’s mode of operation.
Link Partner
Technology
Ability
10
Pause operation for full duplex links. Defined for use at the MAC level and when set to a 1 after autonegotiation,
signifies that the link partner’s MAC is capable of performing the pause function. The pause capability is
exchanged between the PHYs during the autonegotiation but does not change the PHY’s mode of operation.
The pause function is only valid during full-duplex operation, regardless of the medium.
Field
9
100BASE-T4. Set to a 1 if link partner supports 100BASE-T4. The TNETE2101 does not support this capability.
8
100BASE-TX full duplex. Set to 1 if supported by the link partner.
7
100BASE-TX half duplex. Set to 1 if supported by the link partner.
6
10BASE-T full duplex. Set to 1 if supported by the link partner.
5
10BASE-T half duplex. Set to 1 if supported by the link partner.
Link Partner
Selector Field
4–0
Link partner selector field. This 5-bit value encodes the format of this register. The PHY supports only IEEE
Std 802.3 format fields (see description of bits 12–5), code 00001. (The only other currently specified IEEE
value is 00010 for IEEE Std 802.9a multimedia frames).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com