Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ Datasheet(PDF) 33 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button TNETE2101PZ Datasheet HTML 29Page - Texas Instruments TNETE2101PZ Datasheet HTML 30Page - Texas Instruments TNETE2101PZ Datasheet HTML 31Page - Texas Instruments TNETE2101PZ Datasheet HTML 32Page - Texas Instruments TNETE2101PZ Datasheet HTML 33Page - Texas Instruments TNETE2101PZ Datasheet HTML 34Page - Texas Instruments TNETE2101PZ Datasheet HTML 35Page - Texas Instruments TNETE2101PZ Datasheet HTML 36Page - Texas Instruments TNETE2101PZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MII transmit timing requirements (see Figure 21)
10BASE-T, 100BASE-TX, 100BASE-FX
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tsu(MTXD3–MTXD0)
Setup time, MTXD3–MTXD0 valid to MTCLK
↑
10
ns
1
tsu(MTXEN)
Setup time, MTXEN valid to MTCLK
↑
10
ns
1
tsu(MTXER)
Setup time, MTXER valid to MTCLK
↑
10
ns
2
th(MTXD3–MTXD0)
Hold time, MTCLK
↑ to MTXD3–MTXD0 invalid
0
ns
2
th(MTXEN)
Hold time, MTCLK
↑ to MTXEN↓
0
ns
2
th(MTXER)
Hold time, MTCLK
↑ to MTXER↓
0
ns
3
tc(MTCLK)
Cycle time, 10BASE-T
400
ns
3
tc(MTCLK)
Cycle time, 100BASE-TX, 100BASE-FX
40
ns
MTCLK
(output)
MTXD3–MTXD0
MTXEN
MTXER
(inputs)
3
2
1
2 V
0.8 V
2 V
Figure 21. MII Transmit
MII receive timing requirements (see Figure 22)
10BASE-T, 100BASE-TX, 100BASE-FX
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
td(MRXD3–MRXD0) Delay time, MRXD3–MRXD0 valid to MRCLK↑
10
20
ns
1
td(MRXDV)
Delay time, MRXDV valid to MRCLK
↑
10
20
ns
1
td(MRXER)
Delay time, MRXER valid to MRCLK
↑
10
20
ns
1
td(MCOL)
Delay time, MCOL valid to MRCLK
↑
10
20
ns
2
tc(MRCLK)
Cycle time, 10BASE-T
400
ns
2
tc(MRCLK)
Cycle time, 100BASE-TX, 100BASE-FX
40
ns
MRCLK
(output)
MRXD3–MRXD0
MRXDV
MRXER
MCOL
(outputs)
2
2 V
0.8 V
2 V
1
Figure 22. MII Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com