Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ Datasheet(PDF) 34 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 34 Page - Texas Instruments

Back Button TNETE2101PZ Datasheet HTML 30Page - Texas Instruments TNETE2101PZ Datasheet HTML 31Page - Texas Instruments TNETE2101PZ Datasheet HTML 32Page - Texas Instruments TNETE2101PZ Datasheet HTML 33Page - Texas Instruments TNETE2101PZ Datasheet HTML 34Page - Texas Instruments TNETE2101PZ Datasheet HTML 35Page - Texas Instruments TNETE2101PZ Datasheet HTML 36Page - Texas Instruments TNETE2101PZ Datasheet HTML 37Page - Texas Instruments TNETE2101PZ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
reset timing requirements (see Figure 23)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tc(XTALI)
Cycle time, XTAL1
50
ns
2
tw(MRSTL)
Pulse duration
50
µs
3
tsu(MRSTL)
Setup time, MRST low before XTAL1
↑
10
ns
4
th(MRSTL)
Hold time, MRST low after XTAL1
↑
5
ns
5
td(XTALI)
Delay time, XTAL1 invalid to XTAL1 valid (stable)
25
ms
VDD
(input)
2
XTAL1
(input)
MRST*
(input)
5
1
3
4
Figure 23. Reset
At initial power up, the TNETE2101 performs an internal reset. No external reset circuit is required, however,
operation of the TNETE2101 is not specified for 50 ms after power up (VDD is stable).
During operation, a full reset of the device can be performed by taking MRST terminal low for at least 50
µs.
Correct operation of the devices is not assured for a duration of 50 ms after MRST terminal is deasserted high.
100BASE-TX parameters
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
Vout+
Vout+ level on transmit waveform (see Figure 24)
0.95
1.05
V
Vout–
Vout– level on transmit waveform (see Figure 24)
–1.05
–0.95
V
VTX(sym)
Vout+/Vout– symmetry (see Figure 24)
98
102
%
VTX(os)
Vout+/Vout– voltage overshoot (see Figure 24)
0
5
%
tr1(TX)
Rise time, t1 (0 –> Vout+ transition) (see Figure 25)
3
5
ns
tr2(TX)
Rise time, t4 (0 –> Vout– transition) (see Figure 25)
3
5
ns
tf1(TX)
Fall time, t2 (Vout+ transition –> 0) (see Figure 25)
3
5
ns
tf2(TX)
Fall time, t3 (Vout– transition –> 0) (see Figure 25)
3
5
ns
t
∆(TX)
Maximum tr1(Tx) – Minimum tr1(Tx), Maximum tr2(Tx) – Minimum tr2(Tx) (see Figure 25),
Maximum tf1(Tx) – Minimum tf1(Tx), Maximum tf2(Tx) – Minimum tf2(Tx)
0
0.5
ns
tDCD(TX)
Duty-cycle distortion (see Figure 26)
0
0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com