Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 1 Page - Texas Instruments

  TNETE2101PZ Datasheet HTML 1Page - Texas Instruments TNETE2101PZ Datasheet HTML 2Page - Texas Instruments TNETE2101PZ Datasheet HTML 3Page - Texas Instruments TNETE2101PZ Datasheet HTML 4Page - Texas Instruments TNETE2101PZ Datasheet HTML 5Page - Texas Instruments TNETE2101PZ Datasheet HTML 6Page - Texas Instruments TNETE2101PZ Datasheet HTML 7Page - Texas Instruments TNETE2101PZ Datasheet HTML 8Page - Texas Instruments TNETE2101PZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Integrated, Single-Chip, Ethernet™
Physical-Layer (PHY) Interface for
Full-Duplex or Half-Duplex Connection to
10BASE-T, 100BASE-TX, and 100BASE-FX
Networks
D Low-Power 3.3-V CMOS Design With
Power-Down Capability for CardBus and
Other Applications Requiring Low Power
D Integrated Transmit Filtering and Receive
Equalization Provide for Minimal External
Component Count to Reduce System Cost
D 10BASE-T/100BASE-TX Connection
Supported With Magnetics Package and
RJ-45 Connector
D Electrostatic Discharge (ESD) Human Body
Model (HBM) Protection 1.5 kV Per JEDEC
JESD 22-A114-A
D Digital Signal Processor (DSP)-Based
Digital Phase-Locked Loop (PLL)
Technology Allows Data Recovery at
10 Mbit/s and 100 Mbit/s, Requiring One
20-MHz Clock Reference Source
D 10BASE-T
– Fully Compliant With IEEE Std 802.3
– Smart Squelch for Improved Noise
Immunity
– Integrated Transmit Wave Shaping
– Autopolarity (Reverse-Polarity
Correction)
– Transmit Jabber Detection
D 100BASE-TX
– Fully Compliant With ANSI Twisted-Pair
Physical-Media-Dependent (TP-PMD)
Standard and IEEE Std 802.3
– Synthesized Rise-Time Control
– Integrated Receiver With Adaptive Line
Equalization (EQ) and Baseline Wander
(BLW) Correction (DC Restoration)
D IEEE Std 802.3-Compliant
Media-Independent Interface (MII) That
Includes Management Interface
D IEEE Std 802.3-Compliant Autonegotiation
(N-Way) With Next-Page Support
D IEEE Std 1149.1 (JTAG) Test Access Port
(TAP)
D Packaged in 100-Terminal Plastic Quad
Flatpack
RJ-45
Magnetics
MII
MII
Management
Registers
MII Data
and
Control
Interface
JTAG
PLL Clock
Generation
and Recovery
Autonegotiation
With Next-Page
Support
– BLW Correct
– Adaptive EQ
– MLT-3
10/100 PMD
10BASE-T
PCS and PMA
100BASE-TX
Physical Coding Sublayer
(PCS) and
Physical Medium Attachment
(PMA)
10/100 MAC
Figure 1. 10BASE-T/100BASE-TX PHY
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.
Ethernet is a registered trademark of Xerox Corporation.


Similar Part No. - TNETE2101PZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE211 TI1-TNETE211 Datasheet
215Kb / 15P
ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
TNETE211PN TI1-TNETE211PN Datasheet
215Kb / 15P
ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
More results

Similar Description - TNETE2101PZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8081MNX MICROCHIP-KSZ8081MNX Datasheet
1Mb / 66P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8061RNB MICROCHIP-KSZ8061RNB Datasheet
585Kb / 57P
10BASE-T/100BASE-TX Physical Layer Transceiver
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com