Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETE2101PZ Datasheet HTML 22Page - Texas Instruments TNETE2101PZ Datasheet HTML 23Page - Texas Instruments TNETE2101PZ Datasheet HTML 24Page - Texas Instruments TNETE2101PZ Datasheet HTML 25Page - Texas Instruments TNETE2101PZ Datasheet HTML 26Page - Texas Instruments TNETE2101PZ Datasheet HTML 27Page - Texas Instruments TNETE2101PZ Datasheet HTML 28Page - Texas Instruments TNETE2101PZ Datasheet HTML 29Page - Texas Instruments TNETE2101PZ Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
unformatted-page encoding (LPMP = 0)
BIT
15
14
13
12
11
10
987654321
BIT
0
LPNP
ACK
LPMP
ACK2
T
Unformatted Code Field
Figure 14. Unformatted-Page Encoding Register
Table 12. Unformatted-Page Encoding Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
LPNP
15
Link partner next page. When LPNP is set to 1, the link partner is indicating that it wishes to exchange
an extra next page. Refer to the description of NP in register AN_adv for more information on next-page
exchange.
ACK
14
Acknowledge. Reserved for internal use of the autonegotiation process. Ignore during read.
LPMP
13
Link partner message page. When LPMP is cleared to 0, register AN_lpa contains an unformatted page.
ACK2
12
Acknowledge 2. Reserved for internal use of the autonegotiation process. Ignore during read.
T
11
Toggle. Reserved for internal use of the autonegotiation process. Ignore during read.
Unformatted Code Field
10–0
Unformatted code. 11-bit user code. The format of this code is determined by the message code (see
Table 11).
autonegotiation expansion register – AN_exp at 0x06
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BIT
0
Reserved
PDFAULT
LPNPABLE
1
PAGERX
LPANABLE
Figure 15. Autonegotiation Expansion Register
Table 13. Autonegotiation Expansion-Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
Reserved
15–5
Reserved. Read and write as 0.
PDFAULT
4
Parallel detection fault. The PDFAULT bit is set to 1 during autonegotiation if the PHY detects a valid 10BASE-T or
100BASE-TX link that fails within 500–1000 ms or if both the 10BASE-T and 100BASE-TX link monitors report a good
link. PDFAULT is latched until this register is read, then it is cleared to 0 (default).
LPNPABLE
3
Link-partner next-page able. When LPNPABLE is set to 1, the link partner is indicating that it is implementing the
autonegotiation next-page ability. The default value of LPNPABLE is 0.
1
2
Next-page able. This PHY supports autonegotiation next-page exchange.
PAGERX
1
Page received. The PAGERX bit is set to 1 when a new link code word has been received and stored in the AN_lpa
register. PAGERX is latched until this register is read, then it is cleared to 0 (default).
LPANABLE
0
Link-partner autonegotiation enable. When LPANABLE is set to 1, the PHY has received link code word(s) from the
link partner during autonegotiation. The value of LPANABLE is retained after autonegotiation completes, and is
re-evaluated only during a subsequent renegotiation (whether caused by a LINK FAIL condition or a forced restart)
or PHY reset. The default value of LPANABLE is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com