Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7347 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 37Page - PMC-Sierra, Inc PM7347 Datasheet HTML 38Page - PMC-Sierra, Inc PM7347 Datasheet HTML 39Page - PMC-Sierra, Inc PM7347 Datasheet HTML 40Page - PMC-Sierra, Inc PM7347 Datasheet HTML 41Page - PMC-Sierra, Inc PM7347 Datasheet HTML 42Page - PMC-Sierra, Inc PM7347 Datasheet HTML 43Page - PMC-Sierra, Inc PM7347 Datasheet HTML 44Page - PMC-Sierra, Inc PM7347 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
41
Document ID: PMC-1990267, Issue 3
Pin Name
Type
Pin
No.
Function
TICLK
Input
V15
The Transmit Input Clock (TICLK) provides the transmit
direction timing. TICLK is the externally generated
transmission system baud rate clock. It is internally
buffered to produce the transmit clock output, TCLK, and
can be enabled to update the TPOS/TDATO and
TNEG/TOHM outputs on the TICLK rising edge. The
TICLK maximum frequency is 52 MHz.
ROHFP
Output
J1
The Receive DS3/E3/J2 Overhead Frame Position
(ROHFP) locates the individual overhead bits in the
received overhead data stream, ROH.
ROHFP is high during the X1 overhead bit position in the
ROH stream when processing a DS3 stream. ROHFP is
high during the first bit of the FA1 byte when processing
a G.832 E3 stream. ROHFP is high during the RAI
overhead bit position when processing a G.751 E3
stream. ROHFP is high during the first bit in Timeslot 97
in the first frame of the 4-frame multiframe when
processing a J2 stream.
ROHFP is updated on the falling edge of ROHCLK.
ROH
Output
J2
The Receive DS3/E3/J2 Overhead Data (ROH) contains
the overhead bits (C, F, X, P, and M) extracted from the
received DS3 stream. It also contains the overhead bytes
(FA1, FA2, EM, TR, MA, NR, and GC) extracted from the
received G.832 E3 stream, the overhead bits (RAI,
National Use, Stuff Indication, and Stuff Opportunity)
extracted from the received G.751 E3 stream, and the
overhead bits (Framing, X1-3, A, M, E1-5) extracted from
the received J2 stream.
ROH is updated on the falling edge of ROHCLK.
ROHCLK
Output
K4
The Receive DS3/E3/J2 Overhead Clock (ROHCLK) is
active when a DS3, E3, or J2 stream is being processed.
ROHCLK is nominally a 526 kHz clock when processing
DS3, a 1.072 MHz clock when processing G.832 E3, a
1.074 MHz clock when processing G.751 E3, and a
gapped 6.312 MHz clock with an average frequency of
168 kHz for J2.
ROH and ROHFP are updated on the falling edge of
ROHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com