Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7347 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 69Page - PMC-Sierra, Inc PM7347 Datasheet HTML 70Page - PMC-Sierra, Inc PM7347 Datasheet HTML 71Page - PMC-Sierra, Inc PM7347 Datasheet HTML 72Page - PMC-Sierra, Inc PM7347 Datasheet HTML 73Page - PMC-Sierra, Inc PM7347 Datasheet HTML 74Page - PMC-Sierra, Inc PM7347 Datasheet HTML 75Page - PMC-Sierra, Inc PM7347 Datasheet HTML 76Page - PMC-Sierra, Inc PM7347 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
73
Document ID: PMC-1990267, Issue 3
Abort sequences (01111111 sequence where the 0 is transmitted first) can be continuously
transmitted at any time by setting a control bit. During packet transmission, an underrun situation
can occur if data is not written to the TDPR Transmit Data Register before the previous byte has
been depleted. In this case, an abort sequence is transmitted, and the controlling processor is
notified by the UDR register bit. An abort sequence will also be transmitted if the user overflows
the FIFO with a packet of length greater than 128 bytes. Overflows where other complete packets
are still stored in the FIFO will not generate an abort. Only the packet which caused the overflow
is corrupted and an interrupt is generated to the user by the OVR register bit. The other packets
remain unaffected.
When the TDPR is disabled, a logic one (Idle) is inserted in the PMDL.
10.18 SPLT SMDS PLCP Layer Transmitter
The SMDS PLCP Layer Transmitter (SPLT ) Block integrates circuitry to support DS1, DS3, E1,
and G.751 E3 based PLCP frame insertion.
The SPLT automatically inserts the framing (A1, A2) and path overhead identification (POHID)
octets and provides registers or automatic generation of the F1, B1, G1, M2, M1, and C1 octets.
Registers are provided for the path user channel octet (F1) and the path status octet (G1). The bit
interleaved parity octet (B1) and the FEBE subfield are automatically inserted.
The DQDB management information octets, M1 and M2 are generated. The type 0 and type 1
patterns described in TA-TSY-000772 are automatically inserted. The type 1 page counter may be
reset using a register bit in the SPLT Configuration Register. Note: This feature is not required for
the ATM Forum compliant DS3 UNI. For this application, the M1 and M2 octets must be set to
all zeros.
The PLCP transmit frame C1 cycle/stuff counter octet and the transmit stuffing pattern can be
referenced to the REF8KI input pin. Alternately, a fixed stuffing pattern may be inserted into the
C1 cycle/stuff counter octet. A looped timing operating mode is provided where the transmit
PLCP timing is derived from the received timing. In this mode, the C1 stuffing is generated based
on the received stuffing pattern as determined by the SPLR block. When DS1 or E1 PLCP format
is enabled, the pattern 00H is inserted.
When DS3 PLCP format is enabled, the C1 octet indicates the phase of the 375 µs nibble stuffing
opportunity cycle. During frame one of the three frame cycle, the pattern FFH is inserted in the
C1 octet, indicating a 13 nibble trailer length. During frame two, the pattern 00H is inserted,
indicating a 14 nibble trailer length. During frame three, the pattern 66H or 99H is inserted,
indicating a 13 or 14 nibble trailer length respectively.
When configured for G.751 E3 PLCP frame format, the C1 octet is used to indicate the number of
octets stuffed in the trailer. The Table 5 shows the C1 octet pattern for each of the possible octet
stuff lengths:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com