Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7347 Datasheet(PDF) 82 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 82 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 78Page - PMC-Sierra, Inc PM7347 Datasheet HTML 79Page - PMC-Sierra, Inc PM7347 Datasheet HTML 80Page - PMC-Sierra, Inc PM7347 Datasheet HTML 81Page - PMC-Sierra, Inc PM7347 Datasheet HTML 82Page - PMC-Sierra, Inc PM7347 Datasheet HTML 83Page - PMC-Sierra, Inc PM7347 Datasheet HTML 84Page - PMC-Sierra, Inc PM7347 Datasheet HTML 85Page - PMC-Sierra, Inc PM7347 Datasheet HTML 86Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
82
Document ID: PMC-1990267, Issue 3
Register 300H: S/UNI-JET Configuration 1
Bit
Type
Function
Default
Bit 7
R/W
8KREFO
1
Bit 6
R/W
DS27_53
1
Bit 5
R/W
TOCTA
0
Bit 4
R/W
FRMRONLY
0
Bit 3
R/W
LOOPT
0
Bit 2
R/W
LLOOP
0
Bit 1
R/W
DLOOP
0
Bit 0
R/W
PLOOP
0
PLOOP
The PLOOP bit controls the DS3, E3, or J2 payload loopback. When a logic zero is written to
PLOOP, DS3, E3, or J2 payload loopback is disabled. When a logic one is written to PLOOP,
the DS3, E3, or J2 overhead bits are regenerated and inserted into the received DS3, E3, or J2
stream and the resulting stream is transmitted. Setting the PLOOP bit disables the effect of
the TICLK bit in the S/UNI-JET Transmit Configuration Register, thereby forcing flow-
through timing. The TFRM[1:0] and RFRM[1:0] bits in the S/UNI-JET Transmit
Configuration and Receive Configuration Registers, respectively, must be set to the same
value for PLOOP to work properly.
DLOOP
The DLOOP bit controls the diagnostic loopback. When a logic zero is written to DLOOP,
diagnostic loopback is disabled. When a logic one is written to DLOOP, the transmit data
stream is looped in the receive direction. The TFRM[1:0] and RFRM[1:0] bits in the S/UNI-
JET Transmit Configuration and Receive Configuration Registers, respectively, must be set to
the same value for DLOOP to work properly. The DLOOP should not be set to a logic one
when either the PLOOP, LLOOP, or LOOPT bit is a logic one. When in DS3, E3, or J2
modes, the TUNI register bit in the S/UNI-JET Transmit Configuration Register should be set
to the same value as the UNI bit in the DS3, E3, or J2 FRMR Registers.
LLOOP
The LLOOP bit controls the line loopback. When a logic zero is written to LLOOP, line
loopback is disabled. When a logic one is written to LLOOP, the stream received on
RPOS/RDATI and RNEG/RLCV/ROHM is looped to the TPOS/TDATO and TNEG/TOHM
outputs. Note: The TPOS, TNEG, and TCLK outputs are referenced to RCLK when LLOOP
is logic one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com