Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7347 Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 81Page - PMC-Sierra, Inc PM7347 Datasheet HTML 82Page - PMC-Sierra, Inc PM7347 Datasheet HTML 83Page - PMC-Sierra, Inc PM7347 Datasheet HTML 84Page - PMC-Sierra, Inc PM7347 Datasheet HTML 85Page - PMC-Sierra, Inc PM7347 Datasheet HTML 86Page - PMC-Sierra, Inc PM7347 Datasheet HTML 87Page - PMC-Sierra, Inc PM7347 Datasheet HTML 88Page - PMC-Sierra, Inc PM7347 Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
85
Document ID: PMC-1990267, Issue 3
Register 301H: S/UNI-JET Configuration 2
Bit
Type
Function
Default
Bit 7
R/W
STATSEL[2]
0
Bit 6
R/W
STATSEL[1]
0
Bit 5
R/W
STATSEL[0]
0
Bit 4
R/W
TXMFPI
0
Bit 3
R/W
TXGAPEN
0
Bit 2
R/W
RXGAPEN
0
Bit 1
R/W
TXMFPO
0
Bit 0
R/W
RXMFPO
0
RXMFPO
The RXMFPO bit controls which of the outputs RMFPO or RFPO is valid. If RXMFPO is a
logic one, then RMFPO will be available. If RXMFPO is a logic zero, then RFPO will be
available. This bit is effective only if the FRMRONLY bit in the S/UNI-JET Configuration 1
Register is a logic one.
TXMFPO
The TXMFPO bit controls which of the outputs TMFPO[4:1] or TFPO[4:1] is valid. If
TXMFPO is a logic one, then TMFPO[4:1] will be available. If TXMFPO is a logic zero,
then TFPO[4:1] will be available. This bit is effective only if the FRMRONLY bit in the
S/UNI-JET Configuration 1 Register is a logic one. The TXGAPEN bit takes precedence over
the TXMFPO bit.
RXGAPEN
The RXGAPEN bit configures the S/UNI-JET to enable the RGAPCLK[x] outputs. When
RXGAPEN is a logic one, then the RGAPCLK[x] output is enabled. When RXGAPEN is a
logic zero, then the RSCLK[x] output is enabled. The FRMRONLY register bit must be a
logic one for RXGAPEN to have effect.
TXGAPEN
The TXGAPEN bit configures the S/UNI-JET to enable the TGAPCLK[x] outputs. When
TXGAPEN is a logic one, the TGAPCLK[x] output is enabled. When TXGAPEN is a logic
zero, then either the TFPO[x] or TMFPO[x] output is enabled, depending on the setting of the
TXMFPO register bit. The FRMRONLY register bit must be a logic one for TXGAPEN to
have effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com