Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7347 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 57Page - PMC-Sierra, Inc PM7347 Datasheet HTML 58Page - PMC-Sierra, Inc PM7347 Datasheet HTML 59Page - PMC-Sierra, Inc PM7347 Datasheet HTML 60Page - PMC-Sierra, Inc PM7347 Datasheet HTML 61Page - PMC-Sierra, Inc PM7347 Datasheet HTML 62Page - PMC-Sierra, Inc PM7347 Datasheet HTML 63Page - PMC-Sierra, Inc PM7347 Datasheet HTML 64Page - PMC-Sierra, Inc PM7347 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
61
Document ID: PMC-1990267, Issue 3
Figure 5 Framing Algorithm (CRC_REFR = 1)
Mark multiframe alignment
Confirm Fram ing Pattern
in next m ultifram e
Slip 1 bit
Framing
Pattern
Matched
Else
Fail
Confirm Fram ing Pattern
in next m ultifram e
Pass
Declare in-frame
Pass
Check CRC-5 Sequence
Pass
Pass
Check CRC-5 Sequence
Fail
Reset
or
Out of Fram e
Fail
Fail
Using this algorithm, the J2-FRMR will find frame in 10.22 ms, on average when starting the
search in the worst possible position, given a 10-4 error rate and no static mimic patterns. The
algorithm will reject 99.90% of mimic patterns. Further protection against mimic patterns is
available by monitoring the rate of CRC-5 errors.
Once frame alignment is found, the block sets the LOF indication low, indicates a change of
frame alignment (if it occurred). The block declares LOF alignment if 7 consecutive FASs have
been received in error. In the presence of a random 10-3 bit error rate the frame loss criteria
provides a mean time to falsely lose frame alignment of 1.65 years. The Frame Find Block can be
forced to initiate a frame search at any time when the REFRAME bit in the J2-FRMR
configuration. Conversely, when the FLOCK bit is set to logic one, the J2-FRMR will never
declare LOF or search for a new frame alignment due to excess framing bit errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com