Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7347 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 59Page - PMC-Sierra, Inc PM7347 Datasheet HTML 60Page - PMC-Sierra, Inc PM7347 Datasheet HTML 61Page - PMC-Sierra, Inc PM7347 Datasheet HTML 62Page - PMC-Sierra, Inc PM7347 Datasheet HTML 63Page - PMC-Sierra, Inc PM7347 Datasheet HTML 64Page - PMC-Sierra, Inc PM7347 Datasheet HTML 65Page - PMC-Sierra, Inc PM7347 Datasheet HTML 66Page - PMC-Sierra, Inc PM7347 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
63
Document ID: PMC-1990267, Issue 3
The Status Register contains bits that indicate the overrun or empty FIFO status, the interrupt
status, and the occurrence of first flag or end of message bytes written into the FIFO. The Status
Register also indicates the abort, flag, and end-of-message status of the data just read from the
FIFO. On end of message, the Status Register indicates the FCS status and if the packet contained
a non-integer number of bytes.
10.6
PMON Performance Monitor Accumulator
The PMON Block interfaces directly with either the DS3 Framer (T3-FRMR) to accumulate LCV
events, parity error (PERR) events, path parity error (CPERR) events, FEBE events, excess zeros
(EXZS), and framing bit error (FERR) events using the saturating counters:
• The E3 Framer (E3-FRMR) to accumulate LCV, PERR (in G.832 mode), FEBE and FERR
events, or
• The J2 Framer (J2-FRMR) to accumulate LCVs, CRC errors (in the PERR counter), Framing
bit errors (FERR), and excess zeros (EXZS).
The PMON stops accumulating error signals from the E3, DS3, or J2 Framers once frame
synchronization is lost.
When an accumulation interval is signaled by a write to the PMON Register address space or a
write to the S/UNI-JET Identification, Master Reset, and Global Monitor Update Register, the
PMON transfers the current counter values into microprocessor-accessible holding registers and
resets the counters to begin collecting error events for the next interval. The counters are reset in
such a manner that error events occurring during the reset period are not missed.
When counter data is transferred into the holding registers, an interrupt will be generated if it has
been enabled. If the holding registers have not been read since the last interrupt, an overrun status
bit is set. Also provided is a register to indicate changes in the PMON counters since the last
accumulation interval.
10.7
SPLR PLCP Layer Receiver
The PLCP Layer Receiver (SPLR) Block integrates circuitry to support DS1, DS3, E1, and G.751
E3 PLCP frame processing. The SPLR provides framing for PLCP based transmission formats.
The SPLR frames to DS1, DS3, E1, and G.751 E3 based PLCP frames with maximum average
reframe times of 635 µs, 22 µs, 483 µs, and 32 µs respectively. Framing is declared (OOF is
removed) upon finding two valid, consecutive sets of framing (A1 and A2) octets and two valid
and sequential path overhead identifier (POHID) octets. While framed, the A1, A2, and POHID
octets are examined. OOF is declared when an error is detected in both the A1 and A2 octets or
when two consecutive POHID octets are found in error. LOF is declared when an OOF state
persists for more than 25 ms, 1 ms, 20 ms, or 1 ms for DS1, DS3, E1, or G.751 E3 PLCP formats
respectively. If the OOF events are intermittent, the LOF counter is decremented at a rate 1/12
(DS3 PLCP), 1/10 (E1, DS1 PLCP) or 1/9(G.751 E3 PLCP) of the incrementing rate. LOF is thus
removed when an in-frame state persists for more than 250 ms for a DS1 signal, 12 ms for a DS3
signal, 200 ms for an E1 signal, or 9 ms for a G.751 E3 signal. When LOF is declared, PLCP
reframe is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com