Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7347 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 75Page - PMC-Sierra, Inc PM7347 Datasheet HTML 76Page - PMC-Sierra, Inc PM7347 Datasheet HTML 77Page - PMC-Sierra, Inc PM7347 Datasheet HTML 78Page - PMC-Sierra, Inc PM7347 Datasheet HTML 79Page - PMC-Sierra, Inc PM7347 Datasheet HTML 80Page - PMC-Sierra, Inc PM7347 Datasheet HTML 81Page - PMC-Sierra, Inc PM7347 Datasheet HTML 82Page - PMC-Sierra, Inc PM7347 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
79
Document ID: PMC-1990267, Issue 3
Address
Register
380H
TXCP-50 Configuration 1
381H
TXCP-50 Configuration 2
382H
TXCP-50 Transmit Cell Status
383H
TXCP-50 Interrupt Enable/Status
384H
TXCP-50 Idle Cell Header Control
385H
TXCP-50 Idle Cell Payload Control
386H
TXCP-50 Transmit Cell Counter LSB
387H
TXCP-50 Transmit Cell Counter
388H
TXCP-50 Transmit Cell Counter MSB
389H-38FH
TXCP-50 Reserved
390H
TTB Control Register
391H
TTB Trail Trace Identifier Status
392H
TTB Indirect Address Register
393H
TTB Indirect Data Register
394H
TTB Expected Payload Type Label Register
395H
TTB Payload Type Label Control/Status
396H-397H
TTB Reserved
398H
RBOC Configuration/Interrupt Enable
399H
RBOC Status
39AH
XBOC Code
39BH
S/UNI-JET Misc.
39CH
S/UNI-JET FRMR LOF Status.
3A0H
PRGD Control
3A1H
PRGD Interrupt Enable/Status
3A2H
PRGD Length
3A3H
PRGD Tap
3A4H
PRGD Error Insertion
3A5H-3A7H
PRGD Reserved
3A8H
PRGD Pattern Insertion Register #1
3A9H
PRGD Pattern Insertion Register #2
3AAH
PRGD Pattern Insertion Register #3
3ABH
PRGD Pattern Insertion Register #4
3ACH
PRGD Pattern Detector Register #1
3ADH
PRGD Pattern Detector Register #2
3AEH
PRGD Pattern Detector Register #3
3AFH
PRGD Pattern Detector Register #4
3B0H-3FFH
S/UNI-JET Reserved
400H
S/UNI-JET Master Test Register
401H-40BH
Reserved for S/UNI-JET Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com