Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYII4SC1300AA-QSC Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CYII4SC1300AA-QSC
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC1300AA-QSC Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CYII4SC1300AA-QSC Datasheet HTML 29Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 30Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 31Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 32Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 33Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 34Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 35Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 36Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 37Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 33 of 37
Package
84 pins ceramic LCC package (JLCC also available)
Standard 0.04 inch pitch outline
0.46" square cavity
Die thickness nominally 711 um +- 50um
Clearance from top of die to bottom of glass lid: 400um
nominally
Figure 28. Pin layout and package, top view
Cover glass
Size 18x18 mm for JLCC& LCC
Color sensor
Refractive index: 1,55
Thickness: 0,75+-0.05 mm
Material: BG39
This material acts a NIR cut-off filter. The transmission
characteristics are given in the figure below. The data used to
create the transmission curve of the BG39 material can be
obtained as an excel file upon simple request to
info@fillfactory.com.
54
74
12
32
84
Diagonal stripe pattern
Image sensor core
ADC
Pin1
11
33
53
75
0,0
1280,1024
568 m
1169 m
885 m
588 m
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com