Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYII4SC1300AA-QSC Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CYII4SC1300AA-QSC
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC1300AA-QSC Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CYII4SC1300AA-QSC Datasheet HTML 26Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 27Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 28Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 29Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 30Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 31Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 32Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 33Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 30 of 37
29
clk_x
D
I
Shifts on falling edge
clock X shift register
30
shy
D
I
Column parallel track and hold
1 = hold; 0 = track
31
dccon
A
I
control voltage for DC reference
generation
Connect to GND (default)
32
dcref
A
O
reference voltage
Should be +/- 1.2 V, depends on dccon
33
gnd
A
G
34
vdd
A
P
35
sin
D
I
Column amplifier calibration signal
1 = calibrate, see timing diagram
36
sync_y\l
D
I
0 = start left shift register
low active (0=sync)
37
clk_yl
D
I
clock left shift register
Shifts on falling edge
38
eos_yl\
D
O
low 1st clk_yl pulse after last row
Active low
39
bitinvert
D
I
High active, 1 = invert bits
inverts ADC output bits
40
select
D
I
High active
selects row indicated by left/right shift
register
41
reset
D
I
High active
resets row indicated by left/right shift
register
42
d9
W
O
MSB
ADC output
43
d8
W
O
44
d7
W
O
45
d6
W
O
46
d5
W
O
47
d4
W
O
48
d3
W
O
49
d2
W
O
50
d1
W
O
51
d0
W
O
LSB
52
gnd
A
G
53
vdd
A
P
+ 5 V DC
54
gnd_ab
A
G
Anti-blooming drain voltage
GND or +1V for improved anti-blooming
55
vdd_array
A
P
+ 5 V DC
Pixel power supply
56
vdd_dig
D
P
+ 5 V DC
ADC digital power supply
57
gnd_dig
D
G
ADC ground of digital circuits
58
vdd_an
A
P
+ 5 V DC
ADC analog power supply
59
vdd_resetl
A
P
5 V DC default
(5.5 V for large output swing)
4…4.5 V for double slope mode
VDD for reset by left shift register
60
gnd_an
A
G
ADC ground of analog circuits
61
vhigh_adc
A
I
+ 4 V DC
High ADC reference voltage
No.
Name
Type
I/O
Description
Signal
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com