Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYII4SC1300AA-QSC Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CYII4SC1300AA-QSC
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC1300AA-QSC Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CYII4SC1300AA-QSC Datasheet HTML 24Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 25Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 26Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 27Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 28Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 29Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 30Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 31Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 28 of 37
Figure 26. Linear short exposure time
Figure 27. Double slope integration
Electrical parameters
DC voltages
VDD and GND:
Nominal VDD-GND is 5V DC.
Overall current consumption for the different parts
• imager core + output amplifier analog
• imager core digital
• ADC analog
•ADC digital
Are quoted in the datasheets
The sensor works properly when using a 7805 type of
regulator.
Decoupling VDD to GND must happen close to the IC.
Other applied DC voltages
Should be clean as the VDD. Can be derived by resistive
division of VDD-GND, and decoupled to VDD or GND (as
indicated)
External Resistors
Are used as current mirror settings. Should be decoupled to
the opposite rail voltage as the connection of the resistor (thus:
if the resistor is tied to VDD, the capacitor is tied to GND). In
practice the decoupling can be omitted for almost all signals -
to be experimented.
Input / output
Digital inputs:
Clean rail to rail CMOS levels. 10%-90% rise and fall times
between 10 ns and 40 ns
Digital outputs:
Deliver CMOS level, able to drive 40 pF capacitive loads
Analog output of imager core
Designed to drive a 40 pF capacitive load
Analog input of ADC
Is equivalent to a capacitive load of typ. 15 pF.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com