Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYII4SC1300AA-QSC Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CYII4SC1300AA-QSC
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC1300AA-QSC Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CYII4SC1300AA-QSC Datasheet HTML 25Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 26Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 27Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 28Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 29Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 30Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 31Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 32Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 29 of 37
Pin configuration
Pin list
Signal type symbols
A
Analog
D
Digital
W
Word bit
I/O Symbols
I
Input
O
Output
P
Power supply
G
Ground
No.
Name
Type
I/O
Description
Signal
1
Nbiasarray
A
I
1MEG to VDD and decouple to GND
Pixel source follower bias current
2
pbias2
A
I
1MEG to GND and decouple to VDD
Column amp 1st source follower (after SHY)
bias current
3
Pbias
A
I
1MEG to GND and decouple to VDD
Column amp current source bias current
4
xmux_nbias
A
I
100K to VDD and decouple to GND
X-multiplexing bias current (/6)
5
Sync_yr\
D
I
low active (0=sync)
0 = reset right shift register
6
clk_yr
D
I
Shifts on falling edge
clock right shift register
7
Eos_yr\
D
O
Active low
low 1st clk_yr pulse after last row
8
Eos_x\
D
O
Active low
low 1st clk_x pulse after last active column
9
Selextin
D
I
input selector for output amplifier
1 = external input; [0] = imager core
10
Gnd
A
G
Analog GND
11
Vdd
A
P
Analog VDD
+ 5 V DC
12
Extin
A
I
external input to output amplifier
13
Output
A
O
analog output of imager core
Connect to in_adc (p73)
14
Vlow_dac
A
I
low reference voltage offset DAC
+/- 1 V
15
Vhigh_dac
A
I
high reference voltage offset DAC
+/- 2.5 V
16
Calib_s
D
I
Slow dark offset level adjustment
0: connect to cap (st2) and in- (st1)
1: connect to rdac (st2) and output (st1)
17
gc_bit0
W
I
Lsb
gain control output amplifier
18
gc_bit1
W
I
19
gc_bit2
W
I
20
gc_bit3
W
I
Msb
21
Unitygain
D
I
sets output amplifier in unity gain
High active
22
Calib_f
D
I
fast dark offset level calibration
High active
23
Dac_b3
W
I
Msb
dac control for black offset level
24
Dac_b2
W
I
dac control for black offset level
25
Dac_b1
W
I
dac control for black offset level
26
Dac_b0
W
I
Lsb
dac control for black offset level
27
Nbias_oamp
A
I
100K to VDD and decouple to GND
output amplifier bias current
28
Sync_x\
D
I
low active (0=sync)
0 = reset X shift register
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com