Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYII4SC1300AA-QSC Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CYII4SC1300AA-QSC
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC1300AA-QSC Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CYII4SC1300AA-QSC Datasheet HTML 27Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 28Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 29Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 30Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 31Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 32Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 33Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 34Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 31 of 37
Bonding pad geometry for the IBIS4-1300
• The 84 pins are distributed evenly around the perimeter of
the Chip. At each edge there are 21 pins. Pin 1 is (in this
drawing) in the middle of the left edge.
• The opening in the bonding pads (the useful area for
bonding) is 200 x 150 um.
• The centers of the bonding pads are at all four edges at 150
um distance from the nominal chip border.
• The scribe line (=the spacing between the nominal borders
of neighboring chips) is 250 um.
• The bonding pad pitch is 437 um in X-direction
• The bonding pad pitch in Y-direction is 393 um
62
clk_adc
D
I
ADC Clock
Converts on falling edge
63
tri_adc
D
I
ADC output tristate control
1=tristate; 0=output
64
pbiasdig1
A
I
100K to GND and decouple to VDD
current bias for comparator after encoder
65
pbiasencload
A
I
100K to GND and decouple to VDD
current bias for encoder
66
pbiasdig2
A
I
100K to GND and decouple to VDD
current bias for digital logic in columns
67
nonlinear
D
I
high active (1 = non-linear conversion) control for non-linear behavior of sensor
68
n.c.
not connected
69
nbiasana2
A
I
100K to VDD and decouple to GND
bias current 2nd comparator stage
70
nbiasana
A
I
100K to VDD and decouple to GND
bias current 1st comparator stage
71
vlow_adc
A
I
+ 2 V DC, +-2 K between P71 and P61 Low ADC reference voltage
72
gnd_an
A
G
ADC ground of analog circuits
73
in_adc
A
I
Converts between vlow and vhigh
(2-4V)
ADC input
74
vdd_an
A
P
+ 5 V DC
ADC analog power supply
75
gnd_dig
D
G
ADC ground of digital circuits
76
vdd_dig
D
P
+ 5 V DC
ADC digital power supply
77
vdd
A
P
+ 5 V DC
78
gnd
A
G
79
vdd_resetr
A
P
5 V DC default
(5.5 for large signal swing)
Power supply for reset by right (readout)
shift register
80
L/R\
D
I
1=left; 0=right
Selects left or right shift register for 'select'
and 'reset'
81
Pixel diode
A
O
groups current of 24 x 18 pixels
Test structure for spectral response
measurement of pixels
82
Photodiode
A
O
168x126 um2 (eq. 24 x 18 pixels)
Test structure for spectral response
measurement of photodiode
83
clip
A
I
Clips if output > 'clip' - Vth (PMOS)
Clipping voltage for output amplifier
84
subsmpl
D
I
high active, 1 = subsampling
Selects viewfinder mode (1:4 = 320 x 256)
No.
Name
Type
I/O
Description
Signal
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com