Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYII4SC1300AA-QSC Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CYII4SC1300AA-QSC
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC1300AA-QSC Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CYII4SC1300AA-QSC Datasheet HTML 21Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 22Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 23Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 24Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 25Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 26Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 27Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 28Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 25 of 37
Figure 20. Timing of X shift register and pixels read-out
On-chip generated electrical dark references.
The sensor outputs a electrical dark reference level after the
2nd falling edge on the clock (after sync).
At the end of the row readout, after EOS_X becomes low, the
sensor outputs the electrical dark reference voltage also, and
it remains present on the on the readout bus until the SIN goes
high.
Note that if the X-register is reset before the EOS is reached,
the dark reference is not put on the bus. Use the dark
reference of the beginning of the line instead.
Pixel readout
The same continuous 10 MHz clock drives CLK_ADC and
CLK_X. On the falling edge of CLK_X, a new pixel is selected
and propagates to the output amplifier. At the same time, the
ADC input is frozen by the falling edge on CLK_ADC. The
digital output has a delay of one pixel compared to the analog
signal. The digital output becomes valid between 25 to 50 ns
after the falling edge on CLK_ADC.
Figure 21. pixel timing
If the end of a row is reached, the sensor outputs an
end-of-scan (EOS) pulse during one pulse period. And the
electrical black reference level appears at the output for all
successive pulses. So, the same 10 MHz clock can drive
CLK_X and CLK_ADC.
DCREF on bus
Sync
Clock
Min 100 ns.
Min 25 ns
0
1
2
3
4
dark
nil
n
n-1
Dummy pixels
1
Output
0
Tp,adc
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com