Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYII4SC1300AA-QSC Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CYII4SC1300AA-QSC
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC1300AA-QSC Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CYII4SC1300AA-QSC Datasheet HTML 29Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 30Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 31Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 32Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 33Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 34Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 35Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 36Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 37Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 35 of 37
Ordering Information
FAQ
Temperature dependence of dark signal
The above graph is measured on an IBIS4-1300 under
nominal operation, using breadboard. This particular sensor
has about 100 "bad pixels" at RT.
Average offset (=dark signal) and RMS (=FPN of dark signal)
are measured versus temperature. Offset is referred to the
"short tint" offset at 20 C. Integration time was 160 ms (= "long
tint").
Y-axis is the output signal (100% = ADC range)
Useful range of "double slope"
Which total dynamic range can reasonably be obtained with
the dual slope feature of the IBIS4-1300?
Assuming that the "regular" S/N is 2000:1, and that one can
put the knee point halfway the voltage range, the each
piecewise linear halve has 1000:1 S/N. If the ratio between
slopes is a, then the total dynamic range becomes
(1000+a*1000):1.
Example, is a=10, then the total dynamic range becomes
11000:1.
Table 10. FillFactory and Cypress part numbers
FillFactory Part Number
Cypress Semiconductor Part Number
IBIS4-1300-C1-2
CYII4SD1300AA-QAC - Preliminary
IBIS4-1300-M-1
CYII4SM1300AA-HBC - Preliminary
IBIS4-1300-M-2
CYII4SM1300AA-QBC - Preliminary
IBIS 4C
0,1
1
10
100
1000
20
30
40
50
60
70
80
90
offset long tint
RMS long tint
#pixels outside
6sigma
nominal operation,
512 x 512 pixels corner,
160 ms tint
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com