Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYII4SC1300AA-QSC Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # CYII4SC1300AA-QSC
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC1300AA-QSC Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button CYII4SC1300AA-QSC Datasheet HTML 29Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 30Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 31Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 32Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 33Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 34Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 35Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 36Page - Cypress Semiconductor CYII4SC1300AA-QSC Datasheet HTML 37Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 34 of 37
Figure 29. Transmission characteristics of the BG39 glass used as NIR cut-off filter for the IBIS4-1300 color image sensors
Monochrome sensor
Refractive index: 1,52
Thickness: 0,55+-0.05 mm
Material: D263
The transmission characteristics are given in the figure below.
Figure 30. Transmission characteristics of the D263 glass used as protective cover for the IBIS4-1300 monochrome
image sensors
BG39 transmission characteristics
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
400
500
600
700
800
900
1000
Wavelength
D263 transmission characteristics
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
400
500
600
700
800
900
Wavelength
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com