Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N100LT000 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 3Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 4Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 5Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 6Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 7Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 8Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 9Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 10Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
7 of 21
© 2022 Renesas Electronics Corporation
4
Hardware
4.1
Overview
When creating this tool, Renesas focused on designing a flexible solution to support the evaluation of
a variety of circuit applications. Refer to Section 5 for a few examples. Strategic connections have been
provided via the boards layout to integrate many of the
SLG47004’s key macrocells into one system.
Note that this board has not been optimized to evaluate the performance of layout-dependent systems.
Figure 1 shows an image of the SLG47004 Evaluation Board with all components placed on the board.
In most scenarios, customers will receive the Evaluation Boards populated only with the BOM items
listed in Appendix A. This allows the customer to configure the circuit to fit the desired application.
Figure 1: SLG47004 Evaluation Board, Section Map
4.1.1
Power Supply
Power can be applied to the evaluation board using the following sources:
• GreenPAK ADB - leverages the onboard power supply built into the GreenPAK Advanced
Development platform to deliver up to 5.5 V. For more information, refer to the GreenPAK ADB's
user guide found in Section 2.
• GreenPAK Serial Debugger - an LDO-regulated power supply ranging from 0.9 V to 5.0 V at a
maximum current of 100 mA. Refer to Section 2 for the GSD's quick start guide.
• External Power Supply & "PX#" Test Points - connection headers for using an external power
supply ranging from 2.5 V to 5.5 V. The P1 connection header includes an LC filter designed to
isolate the analog and digital voltage rails for optimized noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com