Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N100LT000 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 5Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 6Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 7Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 8Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 9Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 10Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 11Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 12Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
9 of 21
© 2022 Renesas Electronics Corporation
4.2
EVB Section Descriptions
The evaluation board separates the key features of AA PAK into spatially grouped sections on the
PCB. These features include the OpAmp, the rheostats, and the analog switches. The information
below provides application ideas and lists the associated TP connections for each section. Note that
many of these test points interact with multiple features.
Refer to Section 5 for specific
application examples that demonstrate how to leverage the EVB’s circuit
layout to build a variety of different circuits.
4.2.1
OpAmp 0/1 Sections
The EVB layout provides easy access to configure the OpAmp devices into a variety of different
common topologies including the following:
● Voltage Follower
● Inverting, Non-Inverting Amplifier
● Summing, Difference Amplifier
● Instrumentation Amplifier
● Integrator, Differentiator
● Active Filters (Sallen-Key, Multiple Feedback)
● Transimpedance Amplifier
Cross reference the list of OpAmp test points in Table 3 with the image of the EVB
’s silkscreen shown
in Figure 1.
Table 3: OpAmp TP List
Section
IO
TP List
OpAmp 0
Input
X1, X2, X4, X5, X7, X15
Output
X13, X28
OpAmp 1
Input
X20, X21, X24, X25, X26, X27
Output
X10, X17
InAmp
Output
X9
4.2.2
Rheostat 0/1 Sections
The rheostat section of the EVB contains a variety of optional connections to VDDA, GND, the OpAmp
Inputs/Outputs, and the EVB
’s bias nodes. These connections can be made through the SMD footprints
by using a combination of resistors and short circuits connections. For Auto-Trim applications not using
the OpAmp outputs, external wires can be used to connect the rheostat TPs directly to either of the
Chopper ACMP inputs at IO1 and IO4.
A few rheostat example applications include:
● Vref Generation
● Amplifier Offset Trim
● Amplifier Gain Trim
● Filter Frequency Trim
The test points associated with each rheostat are shown in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com