Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N100LT000 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 14Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 15Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 16Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 17Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 18Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 19Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 20Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 21Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
19 of 21
© 2022 Renesas Electronics Corporation
A.4
Bill of Materials
Table 9: Bill of Materials
# Designator
Description
Manufacturer
Part Number
Digi-Key
QTY
1 IC2
Advanced Analog
GreenPAK IC, MSTQFN-24,
3.0x3.0mm
Renesas
Electronics
Corporation
SLG47004V
-
1
2 C3, C5
100nF Ceramic Capacitor,
50V, X7R, 0805
Kemet
C0805C104K5RACTU
399-1170-1-ND
2
3 C4
10uF Ceramic Capacitor,
16V, X5R, 0805
Murata
Electronics
GRM21BR61C106KE15L 490-3886-1-ND
1
4 P1, P2
4POS Through Hole
Connection Header (1x4),
0.1” (2.54mm) Spacing
TE
Connectivity
826629-4
A106750-ND
2
5 P3
4POS SMD Connection
Header (1x4),
0.039” (1.0mm) Spacing
JST
Corporation
BM04B-SRSS-
TB(LF)(SN)
455-1790-1-ND
1
6 C1, C2
1uF Ceramic Capacitor,
50V, X7R, 0805
Samsung
Electro-
Mechanics
CL21B105KBFNNNG
1276-6470-1-
ND
2
7 L1
10uH Shielded Multilayer
Inductor, 500mA, 300mΩ,
0805
TDK
Corporation
MLZ2012N100LT000
445-6762-1-ND
1
8 PX1, PX13
Test Point - Red,
0.04” (1.02mm) Spacing
Keystone
Electronics
5000
36-5000-ND
2
9 GX2
Test Point - Black,
0.04” (1.02mm) Spacing
Keystone
Electronics
5001
36-5001-ND
1
10 SV1
20POS Through Hole
Connection Header - Right
Angle (2x10),
0.1” (2.54mm)
Spacing
Sullins
Connector
Solutions
PPPC102LJBN-RC
S5563-ND
1
11 SV2
20POS Through Hole
Connection Header (2x10),
0.1” (2.54mm) Spacing
Adam Tech
PH2-20-UA
2057-PH2-20-
UA-ND
1
12
BP1, BP2,
BP3, BP4
Bumper
3M Company
SJ61A6
SJ61A6-ND
4
Note 1
Customer evaluation boards may include additional components not listed in the BOM above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com