Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N100LT000 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 8Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 9Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 10Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 11Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 12Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 13Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 14Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 15Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
12 of 21
© 2022 Renesas Electronics Corporation
2. Connect the GreenPAK ADB to your computer with the included USB cable.
3. Attach the expansion connector on the GreenPAK ADB to the SV1 header on the SLG47004
evaluation board.
4.
Open the “Debug” tool within the GreenPAK Designer software and select the “GreenPAK
Advanced Development Platform
”. If this window does not appear, click the “Change Platform”
button in the “Debugging Controls” window.
Figure 2: Development Platform Selector
5.
Change the “Device:” dropdown selection to the appropriate I2C control code. By default, all
SLG47004 devices are configured with a control code of 0001 which corresponds to the
“External:
0001” option in the list.
6.
Select “Ext. VDD” or “Va” to connect the GreenPAK ADB’s VDD signal generator to the evaluation
board. Note that this step should be skipped when using another voltage source to power the
evaluation board.
7.
Click the “Emulation” or “Program” buttons to load the GreenPAK Designer’s current configuration
onto the SLG47004 device.
Figure 3
shows the baseline configuration for the “Debugging Controls” window while emulation is
running. Additional connections from the GreenPAK ADB to the SLG47004 can be made by enabling
the expansion connector switches for the desired pin.
Figure 3: GreenPAK ADB Debugging Controls Window
For more information on configuring the function generators, enabling the expansion connector
switches, and working with the GreenPAK Designer software, please refer to the GreenPAK Designer
software and the GreenPAK Advanced Development Platform user manuals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com