Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N100LT000 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 9Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 10Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 11Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 12Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 13Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 14Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 15Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 16Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
13 of 21
© 2022 Renesas Electronics Corporation
4.3.2
GreenPAK Serial Debugger/I2C
The GreenPAK Serial Debugger provides a simple I2C interface between the GreenPAK Designer
software and the AA PAK evaluation board. The GSD tool requires four signals as shown in Table 7.
These connections to the evaluation board can be made using either the P2 or the P3 headers.
The GSD comes equipped with two 1 k
Ω pull-up resistors. The R1 and R2 pull-up resistor footprints
on the AA PAK evaluation board provide additional flexibility for using an external I2C controller.
Table 7: P2 & P3 Header Functions
Header
Silk Label
Pin # (STQFN-24L)
Function
P 2.1
P 3.1
VDD
13
Digital Power Supply
P 2.2
P 3.2
SCL
10
I2C Serial Clock
P 2.3
P 3.3
SDA
11
I2C Serial Data
P 2.4
P 3.4
GND
14
Digital Ground
Follow the procedure below to connect the GreenPAK Designer software to the SLG47004 evaluation
board using the GSD:
1. Open an instance of the GreenPAK Designer software for the SLG47004.
2. Connect the GSD to your computer with the included USB cable.
3. Attach the GSD to the SLG47004 evaluation board using either the P2 or P3 headers.
4.
Open the “Debug” tool within the GreenPAK Designer software and select the “GreenPAK Serial
Debugger”. If the window in Figure 2 does not appear, click the “Change Platform” button in the
“Debugging Controls” window.
5.
Change the “Device:” dropdown selection to either “Auto Detect” or to the appropriate external I2C
control code. By default, all SLG47004 devices are configured with a control code of 0001 which
corresponds to the “External: 0001” option in the list.
6.
Select “Int. VDD” to connect the GSD’s VDD signal generator to the evaluation board. The supply
voltage level can then be selected in the adjacent dropdown window. When using an external VDD
on the AA PAK evaluation board, make sure to select “Ext. VDD” in the “Debugging Controls”
window.
7. Click th
e “Emulation” or “Program” buttons to load the GreenPAK Designer’s current configuration
onto the SLG47004 device.
Figure 4
shows an example configuration for the “Debugging Controls” window while emulation is
running.
Figure 4: GSD Debugging Controls Window
For more information on the hardware and software tools, please refer to the GreenPAK Designer
software and the GreenPAK Serial Debugger user manuals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com