Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N100LT000 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 11Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 12Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 13Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 14Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 15Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 16Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 17Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 18Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
15 of 21
© 2022 Renesas Electronics Corporation
Table 8: Instrumentation Amplifier Build Configuration
#
Function
Value
Designator
QTY
1
Non-Inverting Input (VIN+)
-
X24
1
2
Inverting Input (VIN-)
-
X4
1
3
InAmp Vref
-
X8
1
4
Output
-
X9
1
5
Gain Resistor - Series
43
kΩ
Z5
1
6
Gain Resistor - Parallel
10 kΩ
Z32
1
7
Feedback Resistor
100 k
Ω
Z22, Z79
2
8
Reference Voltage Divider
47 kΩ
Z60
1
9
Shorts
-
Z9, Z10, Z11, Z17, Z18, Z21, Z23, Z31, Z40,
Z51, Z61, Z70, Z72, Z73, Z74, Z78
15
10
Additional Headers
-
GX1, GX10, GX11, GX13, GX16
PX2, PX3, PX6, PX7
X3, X5, X6, X10, X13, X17, X19, X26
16
Although this implementation focuses on fine tuning the gain to a specific level, other topologies
support a wider range of gain similar in functionality to that of a programmable gain amplifier.
The InAmp can also be implemented without the use of the digital rheostats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com