Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N100LT000 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 10Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 11Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 12Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 13Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 14Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 15Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 16Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 17Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
14 of 21
© 2022 Renesas Electronics Corporation
5
Application Examples
The key features of the SLG47004 can be combined on a system-level to implement a variety of
different applications. A few examples include instrumentation amplifiers, active filtering, digital
potentiometers, voltage regulation, and variable current sources.
The sections below provide EVB configurations for a few of the examples provided above. The
examples below can be tailored for specific applications by modifying the layout of the schematic or by
selecting different component values.
5.1
Instrumentation Amplifier
The SLG47004 can be configured as an InAmp with trimmable gain and offset voltage. One
configuration of the standard 3-OpAmp topology is implemented in
the EVB’s layout as shown below.
Figure 5: Instrumentation Amplifier Schematic
This Instrumentation Amplifier configuration combines the OpAmp and the digital rheostat structures
into one system. RH0 impacts the differential gain, while RH1 modifies the reference voltage. The
equations below can be used to calculate the output voltage of the overall system.
������������������������ = (������������������+ − ������������������−) ∗ ������������������������ + ������������������������
������������������������ = 1 +
2 ∗ ������������
������������
… ������ℎ������������������ ������������ = 100 ������Ω, ������������ = 43������Ω + (������������0 || 10 ������Ω)
������������������������ =
������������1
������������1 + 47 ������Ω
The InAmp in Figure 5 is designed to introduce a differential gain of 5V/V. RH0 is placed in parallel
with the 10 k
Ω resistor such that the equivalent impedance can be trimmed to accommodate for circuit
tolerance variations throughout the system (IE: Resistor Tolerances, Input Offset Voltage, and others).
Table 8 shows the components used to build this example. Note that the component selection and
schematic layout can be modified to achieve different amounts of gain and offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com