Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N100LT000 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 7Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 8Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 9Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 10Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 11Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 12Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 13Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 14Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
11 of 21
© 2022 Renesas Electronics Corporation
4.3
Software Interfaces
The evaluation board contains multiple avenues to interact with the SLG47004. The sections below
provide more information on using Renesas's software interfaces and hardware tools to emulate and
program the register cells within the SLG47004 using the I2C protocol. In addition, the GreenPAK
Advanced Development Platform features on-board signal and logic generators for convenient testing
of the AA PAK design configuration with the supporting external circuitry.
4.3.1
Advanced Development Platform
The AA PAK evaluation board can be connected to the GreenPAK ADB using the SV1 connector. This
connector matches with the expansion connector on the GreenPAK ADB. Refer to Table 6 for more
information on the function of each individual node on SV1.
Table 6: SV1 & SV2 Header Functions
Header
Silk
Label
Pin #
(STQFN-24L)
Function
SV 1.1
SV 2.1
VDD
13
Digital Power Supply
SV 1.2
SV 2.2
IO
21
GPI, InAmp Output
SV 1.3
SV 2.3
OA1+
23
OpAmp 1 - Non-inverting Input
SV 1.4
SV 2.4
RH1B
9
Digital Rheostat 1 - Terminal B
SV 1.5
SV 2.5
IO3
17
GPIO, Analog Switch 1 - Input A, ACMP 1 - Positive Input, Slave Address 2
SV 1.6
SV 2.6
IO1
15
GPIO, Chopper ACMP - Positive Input, Temperature Sensor Output,
External Clock Connection, Slave Address 0
SV 1.7
SV 2.7
OA0>
5
OpAmp 0 - Output, ACMP 0 - Positive Input
SV 1.8
SV 2.8
SCL
10
I2C Serial Clock
SV 1.9
SV 2.9
SDA
11
I2C Serial Data
SV 1.10
SV 2.10
OA0-
3
OpAmp 0 - Inverting Input
SV 1.11
SV 2.11
GND
14
Digital Ground, Analog Ground
SV 1.12
SV 2.12
OA1-
24
OpAmp 1 - Inverting Input
SV 1.13
SV 2.13
OA0+
4
OpAmp 0 - Non-inverting Input
SV 1.14
SV 2.14
RH0A
6
Digital Rheostat 0 - Terminal A
SV 1.15
SV 2.15
IO0
12
GPIO, ACMP 0/1 - Negative Input, External Clock Connection, Vref 0 Output
SV 1.16
SV 2.16
IO2
16
GPIO, ACMP 0 - Positive Input, External Clock Connection,
Slave Address 1
SV 1.17
SV 2.17
IO4
18
GPIO, Analog Switch 1 - Input B, Chopper ACMP - Negative Input,
Slave Address 3
SV 1.18
SV 2.18
OA1>
22
OpAmp 1 - Output, ACMP 1 - Positive Input
SV 1.19
SV 2.19
IO6
20
GPIO, Analog Switch 0 - Input A, High Drive Buffer Output, InAmp Vref
SV 1.20
SV 2.20
IO5
19
GPIO, Analog Switch 0 - Input B
To connect the GreenPAK Designer Software to the SLG47004 evaluation board using the GreenPAK
ADB, follow the procedure shown below:
1. Open an instance of the GreenPAK Designer software for the SLG47004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com