Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5LP6A Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 13Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 14Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 15Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LC87F5LP6A
No.A0664-12/28
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port
Options Selected
in Units of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable (Note 1)
P00 to P07
1 bit
2
N-channel open drain
No
1
CMOS
Programmable
P10 to P17
P20 to P27
P30 to P36
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
PA0 to PA5
PB0 to PB7
PC0 to PC7
1 bit
2
N-channel open drain
Programmable
PE0 to PE7
PF0 to PF7
-
No
CMOS
Programmable
P70
-
No
N-channel open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
P80 to P87
-
No
N-channel open drain
No
SI2P0, SI2P2
SI2P3
PWM0, PWM1
-
No
CMOS
No
SI2P1
-
No
CMOS (when selected as ordinary port)
N-channel open drain (When SIO2 data is
selected)
No
XT1
-
No
Input only
No
XT2
-
No
Output for 32.768kHz quartz oscillator
N-channel open drain (when in general-
purpose No output mode)
No
Note 1: Programmable pull-up resistors for port 0 are controlled in 4-bit units (P00 to 03, P04 to 07).
*1: Make the following connection to minimize the noise input to the VDD1 pin and prolong the backup time.
Be sure to electrically short the VSS1, VSS2, VSS3 and VSS4 pins.
(Example 1) When backup is active in the HOLD mode, the high level of the port outputs is supplied by the
backup capacitors.
LSI
Power
Supply
VSS1
Back-up
capacitor
VSS2VSS3
VDD3
VDD2
VDD1
VDD4
VSS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com