Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5LP6A Datasheet(PDF) 22 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 22 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 18Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 19Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 20Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 21Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 22Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 23Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 24Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 25Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 26Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LC87F5LP6A
No.A0664-22/28
Continued from preceding page.
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
IDDHALT(2)
4.5 to 5.5
3
6
IDDHALT(3)
• HALT mode
• FmCF=8MHz ceramic oscillation mode
• FmX’tal=32.768kHz by crystal oscillation
mode
• System clock set to 8MHz side
• Internal RC oscillation stopped
• frequency variable RC oscillation stopped
• 1/1 frequency division ratio.
3.0 to 4.5
1.8
3.2
IDDHALT(4)
4.5 to 5.5
2.2
4.5
IDDHALT(5)
• HALT mode
• FmCF=5MHz ceramic oscillation mode
• FmX’tal=32.768kHz by crystal oscillation
mode
• System clock set to 5MHz side
• Internal RC oscillation stopped
• frequency variable RC oscillation stopped
• 1/1 frequency division ratio.
2.5 to 4.5
1
2.8
IDDHALT(6)
4.5 to 5.5
0.45
1.5
IDDHALT(7)
• HALT mode
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz by crystal oscillation
mode
• System clock set to internal RC oscillation
• frequency variable RC oscillation stopped
•1/2 frequency division ratio.
2.5 to 4.5
0.25
1
IDDHALT(8)
4.5 to 5.5
1.5
4
IDDHALT(9)
• HALT mode
• FmCF=0Hz (oscillation stopped)
• FmX'tal=32.768kHz by crystal oscillation
mode.
• System clock set to 1MHz with frequency
variable RC oscillation
• Internal RC oscillation stopped
• 1/2 frequency division ratio.
2.5 to 4.5
0.8
3
mA
IDDHALT(10)
4.5 to 5.5
22
75
IDDHALT(11)
• HALT mode
• FmCF=0Hz (oscillation stopped)
• FmX'tal=32.768kHz by crystal oscillation
mode.
• System clock set to 32.768kHz side.
• Internal RC oscillation stopped
• frequency variable RC oscillation stopped
• 1/2 frequency division ratio.
2.5 to 4.5
10
65
µA
HALT mode
consumption
current
(Note 7-1)
IDDHALT(12)
VDD1
=VDD2
=VDD3
=VDD4
• HALT mode
• FmCF=12MHz ceramic oscillation mode
• FmX’tal=32.768kHz by crystal oscillation
mode
• System clock set to 12MHz side
• Internal RC oscillation stopped
• frequency variable RC oscillation stopped
• 1/1 frequency division ratio.
4.5 to 5.5
4.7
10
mA
IDDHOLD(1)
4.5 to 5.5
0.07
20
HOLD mode
consumption
current
IDDHOLD(2)
• HOLD mode
• CF1=VDD or open (External clock mode)
2.5 to 4.5
0.03
17
IDDHOLD(3)
4.5 to 5.5
19
65
Timer HOLD
mode
consumption
current
IDDHOLD(4)
VDD1
• Timer HOLD mode
• CF1=VDD or open (External clock mode)
• FmX'tal=32.768kHz by crystal oscillation
mode
2.5 to 4.5
6.5
55
µA
Note 7-1: The consumption current value includes none of the currents that flow into the output Tr and internal pull-up
resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com