Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5LP6A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC87F5LP6A Datasheet HTML 1Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 2Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 3Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 4Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LC87F5LP6A
No.A0664-3/28
UART: 2 channels
1) Full duplex
2) 7/8/9 bit data bits selectable
3) 1 stop bit (2 bits in continuous transmission mode)
4) Built-in baudrate generator (with baudrates of 16/3 to 8192/3 tCYC)
AD Converter
• 8 bits × 15 channels
PWM
• Multifrequency 12-bit PWM × 4 channels
Remote Control Receiver Circuit (sharing pins with P73, INT3, and T0IN)
1) Noise filtering function (noise filter time constant selectable from 1 tCYC, 32 tCYC, and 128 tCYC)
2) The noise filtering function is available for the INT3, T0IN, or T0HCP signal at P73. When P73 is read with an
instruction, the signal level at that pin is read regardless of the availability of the noise filtering function.
Watchdog Timer
1) External RC watchdog timer
2) Interrupt and reset signals selectable
Interrupts
• 29 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt
requests of the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest
level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest
vector address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H/INT6
6
0002BH
H or L
T1L/T1H/INT7
7
00033H
H or L
SIO0/UART1 receive/ UART2 receive
8
0003BH
H or L
SIO1/SIO2/UART1 transmit/UART2 transmit
9
00043H
H or L
ADC/T6/T7/PWM4, PWM5
10
0004BH
H or L
Port 0/T4/T5/PWM0, PWM1
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels
• 4096 levels maximum (the stack is allocated in RAM)
High-speed Multiplication/Division Instructions
• 16-bits × 8-bits (5 tCYC execution time)
• 24-bits × 16-bits (12 tCYC execution time)
• 16-bits ÷ 8-bits (8 tCYC execution time)
• 24-bits ÷ 16-bits (12 tCYC execution time)
Oscillation Circuits
• RC oscillation circuit (internal)
: For system clock
• CF oscillation circuit
: For system clock, with internal Rf
• Crystal oscillation circuit
: For low-speed system clock
• Multifrequency RC oscillation circuit (internal) : For system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com