Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5LP6A Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 13Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 14Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 15Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 16Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LC87F5LP6A
No.A0664-13/28
(Example 2) The high-level output at the ports is unstable when the HOLD mode backup is in effect.
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1, VDD2,
VDD3, VDD4
VDD1=VDD2
=VDD3=VDD4
-0.3
+6.5
Input voltage
VI(1)
XT1, CF1
-0.3
VDD+0.3
Input/Output
voltage
VIO(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports A, B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1,
XT2
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
CMOS output select per 1
application pin
-10
IOPH(2)
PWM0, PWM1
Per 1 application pin.
-20
Peak output
current
IOPH(3)
P71 to P73
Per 1 application pin.
-5
IOM(1)
Ports 0, 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
CMOS output select per 1
application pin
-7.5
IOM(2)
PWM0, PWM1
Per 1 application pin.
-15
Average output
current
(Note1-1)
IOM(3)
P71 to P73
Per 1 application pin.
-3
ΣIOAH(1)
P71 to P73
Total of all applicable pins
-10
ΣIOAH(2)
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
-20
ΣIOAH(3)
Ports 0, 2, 3
Total of all applicable pins
-30
ΣIOAH(4)
Ports 0, 2, 3
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
-50
ΣIOAH(5)
Port B
Total of all applicable pins
-20
ΣIOAH(6)
Ports A, C
Total of all applicable pins
-20
ΣIOAH(7)
Ports A, B, C
Total of all applicable pins
-40
ΣIOAH(8)
Port F
Total of all applicable pins
-20
ΣIOAH(9)
Ports 1, E
Total of all applicable pins
-20
Total output
current
ΣIOAH(10)
Ports 1, E, F
Total of all applicable pins
-40
mA
Note 1-1: Average output current is average of current in 100ms interval.
Continued on next page.
VDD3
VDD2
VDD1
LSI
VSS1VSS2VSS3
VDD4
VSS4
Back-up
capacitor
Power
Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com