Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5LP6A Datasheet(PDF) 24 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 24 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 20Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 21Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 22Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 23Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 24Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 25Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 26Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 27Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 28Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LC87F5LP6A
No.A0664-24/28
VDD1, VSS1 Terminal Condition
It is necessary to place capacitors between VDD1 and VSS1 as describe below.
• Place capacitors as close to VDD1 and VSS1 as possible.
• Place capacitors so that the length of each terminal to the each leg of the capacitor be equal (L1 = L1’, L2 = L2’).
• Place high capacitance capacitor C1 and low capacitance capacitor C2 in parallel.
• Capacitance of C2 must be more than 0.1µF.
• Use thicker pattern for VDD1 and VSS1.
VDD3, VSS3 Terminal Condition
It is necessary to place capacitors between VDD3 and VSS3 as describe below.
• Place capacitors as close to VDD3 and VSS3 as possible.
• Place capacitors so that the length of each terminal to the each leg of the capacitor be equal (L3 = L3’).
• Capacitance of C3 must be more than 0.1µF.
• Use thicker pattern for VDD3 and VDD3.
VSS1
VDD1
L1’
L2’
L1
L2
C1
C2
VSS3
VDD3
L3’
L3
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com