Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5LP6A Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 13Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 14Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 15Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 16Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 17Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LC87F5LP6A
No.A0664-14/28
Continued from preceding page.
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
IOPL(1)
P02 to P07
Ports 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1
Per 1 application pin.
20
IOPL(2)
P00, P01
Per 1 application pin.
30
Peak output
current
IOPL(3)
Ports 7, 8, XT2
Per 1 application pin.
10
IOML(1)
P02 to P07
Ports 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1
Per 1 application pin.
15
IOML(2)
P00, P01
Per 1 application pin.
20
Average output
current
(Note1-1)
IOML(3)
Ports 7, 8, XT2
Per 1 application pin.
7.5
ΣIOAL(1)
Port 7, XT2
Total of all applicable pins
15
ΣIOAL(2)
Port 8
Total of all applicable pins
15
ΣIOAL(3)
Ports 7, 8, XT2
Total of all applicable pins
20
ΣIOAL(4)
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
40
ΣIOAL(5)
Ports 0, 2, 3
Total of all applicable pins
80
ΣIOAL(6)
Ports 0, 2, 3
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
120
ΣIOAL(7)
Port B
Total of all applicable pins
40
ΣIOAL(8)
Ports A, C
Total of all applicable pins
40
ΣIOAL(9)
Ports A, B, C
Total of all applicable pins
80
ΣIOAL(10)
Port F
Total of all applicable pins
40
ΣIOAL(11)
Ports 1, E
Total of all applicable pins
70
Total output
current
ΣIOAL(12)
Ports 1, E, F
Total of all applicable pins
110
mA
QIP100E(14
×20)
523
Maximum power
dissipation
Pd max
TQFP100(14
×14)
364
mW
Operating ambient
temperature
Topr
-20
+70
Storage ambient
temperature
Tstg
-55
+125
°C
Note 1-1: Average output current is average of current in 100ms interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com