Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5LP6A Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 16Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 17Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 18Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 19Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 20Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 21Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 22Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 23Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 24Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LC87F5LP6A
No.A0664-20/28
Pulse Input Conditions at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
tPIH(1)
tPIL(1)
INT0(P70),
INT1(P71),
INT2(P72)
INT4(P20 to P23),
INT5(P24 to P27),
INT6(P20),
INT7(P24)
• Interrupt source flag can be set.
• Event inputs for timer 0 or 1 are
enabled.
2.5 to 5.5
1
tPIH(2)
tPIL(2)
INT3(P73) when noise
filter time constant is 1/1.
• Interrupt source flag can be set.
• Event inputs for timer 0 are enabled.
2.5 to 5.5
2
tPIH(3)
tPIL(3)
INT3(P73)
(The noise rejection clock
is selected to 1/32.)
• Interrupt source flag can be set.
• Event inputs for timer 0 are enabled.
2.5 to 5.5
64
tPIH(4)
tPIL(4)
INT3(P73)
(The noise rejection clock
is selected to 1/128.)
• Interrupt source flag can be set.
• Event inputs for timer 0 are enabled.
2.5 to 5.5
256
tCYC
High/low level
pulse width
tPIL(5)
RES
Reset acceptable
2.5 to 5.5
200
µs
AD Converter Characteristics at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4= 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Resolution
N
3.0 to 5.5
8
bit
Absolute
precision
ET
(Note 6-1)
3.0 to 5.5
±1.5
LSB
4.5 to 5.5
11.74
(tCYC=
0.367
µs)
97.92
(tCYC=
3.06
µs)
AD conversion time=32
×tCYC
(when ADCR2=0)
(Note 6-2)
3.0 to 5.5
31.36
(tCYC=
0.980
µs)
97.92
(tCYC=
3.06
µs)
4.5 to 5.5
18.82
(tCYC=
0.294
µs)
97.92
(tCYC=
1.53
µs)
Conversion time
TCAD
AD conversion time=64
×tCYC
(when ADCR2=1)
(Note 6-2)
3.0 to 5.5
31.36
(tCYC=
0.490
µs)
97.92
(tCYC=
1.53
µs)
µs
Analog input
voltage range
VAIN
3.0 to 5.5
VSS
VDD
V
IAINH
VAIN=VDD
3.0 to 5.5
1
Analog port
input current
IAINL
AN0(P80)
to AN7(P87),
AN8(P70),
AN9(P71),
AN10(XT1),
AN11(XT2),
AN12(PA3),
AN13(PA4),
AN14(PA5)
VAIN=VSS
3.0 to 5.5
-1
µA
Note 6-1: The quantization error (
±1/2 LSB) is excluded from the absolute accuracy value.
Note 6-2: The conversion time refers to the interval from the time the instruction for starting the converter is issued till
the complete digital value corresponding to the analog input value is loaded in the required register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com