Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5LP6A Datasheet(PDF) 25 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 25 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 20Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 21Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 22Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 23Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 24Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 25Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 26Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 27Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 28Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LC87F5LP6A
No.A0664-25/28
Characteristics of a Sample Main System Clock Oscillation Circuit
Given below are the characteristics of a sample main system clock oscillation circuit that are measured using a
SANYO-designated oscillation characteristics evaluation board and external components with circuit constant values
with which the oscillator vendor confirmed normal and stable oscillation.
Table 1 Characteristics of a Sample Main System Clock Oscillator Circuit with a Ceramic Oscillator
Circuit Constant
Oscillation
Stabilization
Time
Nominal
Frequency
Vendor
Name
Oscillator Name
C1
[pF]
C2
[pF]
Rf1
[
Ω]
Rd1
[
Ω]
Operating
Voltage
Range
[V]
typ
[ms]
max
[ms]
Remarks
12MHz
CSTCE12M0G52-R0
(10)
(10)
Open
470
4.5 to 5.5
0.05
0.15
Internal C1,C2
CSTCE10M0G52-R0
(10)
(10)
Open
1.0k
4.5 to 5.5
0.05
0.15
Internal C1,C2
10MHz
CSTLS10M0G53-B0
(15)
(15)
Open
680
4.5 to 5.5
0.05
0.15
Internal C1,C2
CSTCE8M00G52-R0
(10)
(10)
Open
2.2k
3.0 to 5.5
0.05
0.15
Internal C1,C2
8MHz
CSTLS8M00G53-B0
(15)
(15)
Open
680
3.0 to 5.5
0.05
0.15
Internal C1,C2
CSTCR5M00G53-R0
(15)
(15)
Open
3.3k
2.5 to 5.5
0.05
0.15
Internal C1,C2
5MHz
MURATA
CSTLS5M00G53-B0
(15)
(15)
Open
1.5k
2.5 to 5.5
0.05
0.15
Internal C1,C2
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized after VDD
goes above the operating voltage lower limit (see Fig. 4).
Characteristics of a Sample Subsystem Clock Oscillator Circuit
Given below are the characteristics of a sample subsystem clock oscillation circuit that are measured using a SANYO-
designated oscillation characteristics evaluation board and external components with circuit constant values with which
the oscillator vendor confirmed normal and stable oscillation.
Table 2 Characteristics of a Sample Subsystem Clock Oscillator Circuit with a Crystal Oscillator
Circuit Constant
Oscillation
Stabilization Time
Nominal
Frequency
Vendor
Name
Oscillator Name
C3
[pF]
C4
[pF]
Rf2
[
Ω]
Rd2
[
Ω]
Operating
Voltage Range
[V]
typ
[s]
max
[s]
Remarks
32.768kHz
SEIKO
EPSON
MC-306
18
18
Open
560k
2.5 to 5.5
1.3
3.0
Applicable
CL value=12.5pF
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized after the
instruction for starting the subclock oscillation circuit is executed and to the time interval that is required for the
oscillation to get stabilized after the HOLD mode is reset (see Fig. 4).
Note: The components that are involved in oscillation should be placed as close to the IC and to one another as possible
because they are vulnerable to the influences of the circuit pattern.
Figure 1 Ceramic Oscillator Circuit
Figure 2 Crystal Oscillator Circuit
Figure 3 AC Timing Measurement Point
0.5VDD
C3
Rd2
C4
X’tal
XT2
XT1
Rf2
C1
C2
CF
CF2
CF1
Rd1
Rf1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com